Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C303S8IZ-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9C303S8IZ-2.7
Description  Logarithmic Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303S8IZ-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9C303S8IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9C303S8IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9C303S8IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9C303S8IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9C303S8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9C303S8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9C303S8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9C303S8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9C303S8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN8223.1
January 24, 2007
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D and VCC with Respect to VSS . -1V to +7V
Voltage on VH and VL Referenced to VSS . . . . . . . . . . . . -8V to +8V
ΔV = |V
H - VL| X9C303 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
Lead Temperature (soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
Wiper Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1mA
Commercial Temperature Range. . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Military Temperature Range. . . . . . . . . . . . . . . . . . . -55°C to +125°C
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
Power Rating at +25°C X9C303 . . . . . . . . . . . . . . . . . . . . . . . 10mW
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Analog Specifications
Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(NOTE 1)
MAX
RTOTAL
End-to-End Resistance
32
κΩ
End-to-End Resistance Tolerance
-15
+15
%
VH
VH Terminal Voltage
-5
+5
V
VL
VL Terminal Voltage
-5
+5
V
RW
Wiper Resistance
Max Wiper Current ±1mA
40
100
Ω
Tap position relative step size error
Error = log (Vw(n)) - log (Vw(n - 1))
for tap n = 2 - 99, VH-VL = 10V
0.005
0.115
dB
Resistor Noise
At 1kHz
23
nV(RMS)/
√Hz
Charge Pump Noise
At 2.5MHz
20
mV(RMS)
End-to-End Resistance
Temperature Coefficient
T = -40°C to +85°C
±400
ppm/°C
Ratiometric Temperature Coefficient
Tap position 84
±20
ppm/°C
CH/CL/CW
(Note 3)
Potentiometer Capacitance
See Circuit 3
10/10/25
pF
DC Electrical Specifications
Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(NOTE 1)
MAX
ICC
Vcc Active Current
CS = VIL, U/D = VIL or VIH and
INC = 0.4V to 2.4V @ Max tCYC
13
mA
ISB
Standby Supply Current
CS = VCC - 0.3V, U/D and INC =VSS or
VCC - 0.3V
200
750
µA
ILI
CS, INC, U/D Input Leakage Current
VIN = VSS to VCC
-10
+10
µA
VIH
CS, INC, U/D Input HIGH Voltage
2
V
VIL
CS, INC, U/D Input LOW voltage
0.8
V
CIN (Note 3)
CS, INC, U/D Input Capacitance
VCC = 5V, VIN = VSS,
TA = +25°C, f = 1MHz
10
pF
X9C303


Similar Part No. - X9C303S8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303S8IZ-2.7 INTERSIL-X9C303S8IZ-2.7 Datasheet
258Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303S8IZ-2.7 INTERSIL-X9C303S8IZ-2.7 Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
X9C303S8IZ-2.7 RENESAS-X9C303S8IZ-2.7 Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
More results

Similar Description - X9C303S8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_09 Datasheet
258Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com