Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ293P Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDZ293P
Description  P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ293P Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDZ293P_06 Datasheet HTML 1Page - Fairchild Semiconductor FDZ293P_06 Datasheet HTML 2Page - Fairchild Semiconductor FDZ293P_06 Datasheet HTML 3Page - Fairchild Semiconductor FDZ293P_06 Datasheet HTML 4Page - Fairchild Semiconductor FDZ293P_06 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FDZ293P Rev. D (W)
Dimensional Pad and Layout


Similar Part No. - FDZ293P_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
More results

Similar Description - FDZ293P_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDZ299P FAIRCHILD-FDZ299P Datasheet
178Kb / 6P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ298N FAIRCHILD-FDZ298N Datasheet
170Kb / 6P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ294N FAIRCHILD-FDZ294N Datasheet
146Kb / 9P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDMA291P FAIRCHILD-FDMA291P_08 Datasheet
902Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench짰 MOSFET
FDS9933BZ FAIRCHILD-FDS9933BZ Datasheet
292Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench짰 MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com