Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88022IU8FCZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL88022IU8FCZ
Description  Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/ Overvoltage Monitoring Capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88022IU8FCZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL88022IU8FCZ Datasheet HTML 1Page - Intersil Corporation ISL88022IU8FCZ Datasheet HTML 2Page - Intersil Corporation ISL88022IU8FCZ Datasheet HTML 3Page - Intersil Corporation ISL88022IU8FCZ Datasheet HTML 4Page - Intersil Corporation ISL88022IU8FCZ Datasheet HTML 5Page - Intersil Corporation ISL88022IU8FCZ Datasheet HTML 6Page - Intersil Corporation ISL88022IU8FCZ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FN8226.1
September 18, 2006
Absolute Maximum Ratings
Thermal Information
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . -40C to +85C
Voltage on Any Pin with Respect to GND . . . . . . . . . . . -1.0V to +7V
D.C. Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Recommended Operating Conditions
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
MSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
145
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(MSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage Range
2.0
5.5
V
IDD1
VDD Supply Current
VDD = 5.0V
12.5
15
µA
IDD2
V2MON Input Current
V2MON = 3.3V
5.5
6
µA
IDDA
V3MON Input Current
V3MON = 1.0V
19
100
nA
VOLTAGE THRESHOLDS
VTH1
Fixed Voltage Trip Point for VDD
ISL88021/22IU8HxZ
4.565
4.649
4.733
V
ISL88021/22IU8FxZ
3.029
3.085
3.141
V
VTH1HYST
Hysteresis of VTH1
VTH1 = 4.64V
46
mV
VTH1 = 3.09V
37
mV
VTH2
Fixed Voltage Trip Point for V2MON
ISL88021/22IU8xFZ
3.034
3.090
3.146
V
ISL88021/22IU8xEZ
2.894
2.947
3.000
V
ISL88021/22IU8xCZ
2.290
2.332
2.374
V
ISL88021/22IU8xAZ
1.660
1.690
1.720
V
VTH2HYST
Hysteresis of VTH2
VTH2 = 3.09V
37
mV
VTH2 = 2.92V
29
mV
VTH2 = 2.32V
23
mV
VTH2 = 2.19V
22
mV
VTH2 = 1.69V
17
mV
VTH3
V3MON Threshold Voltage
VTH for V3MON on ISL88021
0.594
0.605
0.616
V
VTH for V3MON on ISL88022
0.587
0.595
0.603
V
VREFHYST Hysteresis Voltage
3mV
RESET
VOL
Reset Output Voltage Low
VDD ≥ 3.3V, Sinking 2.5mA
0.05
0.40
V
VDD < 3.3V, Sinking 1.5mA
0.05
0.40
V
VOH
RST Output Voltage High
VDD ≥ 3.3V, Sourcing 2.5mA
VDD-0.6
VDD-0.4
V
VDD < 3.3V, Sourcing 1.5mA
VDD-0.6
VDD-0.4
V
tRPD
VTH to Reset Asserted Delay
10
µs
tPOR
POR Timeout Delay
CPOR is open
140
200
ms
CLOAD
Load Capacitance on Reset Pins
5
pF
ISL88021, ISL88022


Similar Part No. - ISL88022IU8FCZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88022IU8FCZ RENESAS-ISL88022IU8FCZ Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
More results

Similar Description - ISL88022IU8FCZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88021 RENESAS-ISL88021 Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88011_0602 INTERSIL-ISL88011_0602 Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Texas Instruments
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3703-Q1 TI1-TPS3703-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI-TPS3703-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com