Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5350D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBSS5350D
Description  PNP transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5350D Datasheet(HTML) 5 Page - NXP Semiconductors

  PBSS5350D Datasheet HTML 1Page - NXP Semiconductors PBSS5350D Datasheet HTML 2Page - NXP Semiconductors PBSS5350D Datasheet HTML 3Page - NXP Semiconductors PBSS5350D Datasheet HTML 4Page - NXP Semiconductors PBSS5350D Datasheet HTML 5Page - NXP Semiconductors PBSS5350D Datasheet HTML 6Page - NXP Semiconductors PBSS5350D Datasheet HTML 7Page - NXP Semiconductors PBSS5350D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2000 Mar 08
5
Philips Semiconductors
Product specification
PNP transistor
PBSS5350D
handbook, halfpage
0
−2
−1
0
−0.2
−0.4
−0.6
−0.8
−0.4
−0.8
−1.2
−1.6
VCE (V)
IC
(A)
MCD925
(1)
(4)
(3)
(7)
(6)
(8)
(9)
(12)
(2)
(5)
(10)
(11)
Fig.6
Collector current as a function of base
current and collector-emitter voltage.
(1) IB = −3.96 mA.
(2) IB = −3.63 mA.
(3) IB = −3.3 mA.
(4) IB = −2.97 mA.
(5) IB = −2.64 mA.
(6) IB = −2.31 mA.
(7) IB = −1.98 mA.
(8) IB = −1.65 mA.
(9) IB = −1.32 mA.
(10) IB = −990 µA.
(11) IB = −660 µA.
(12) IB = −330 µA.
Tamb =25 °C.
handbook, halfpage
0
−2
−5
0
−1
−2
−3
−4
−0.4
−0.8
−1.2
−1.6
VCE (V)
IC
(A)
MCD926
(1)
(2)
(3)
(4)
(5)
(7)
(6)
(8)
(10)
(9)
Fig.7
Collector current as a function of base
current and collector-emitter voltage.
(1) IB = −250 mA.
(2) IB = −225 mA.
(3) IB = −200 mA.
(4) IB = −175 mA.
(5) IB = −150 mA.
(6) IB = −125 mA.
(7) IB = −100 mA.
(8) IB = −75 mA.
(9) IB = −50 mA.
(10) IB = −25 mA.
Tamb =25 °C.


Similar Part No. - PBSS5350D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350D PHILIPS-PBSS5350D Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS5350D NXP-PBSS5350D Datasheet
153Kb / 9P
   50 V low VCEsat PNP transistor
2001 Nov 13
logo
Nexperia B.V. All right...
PBSS5350D NEXPERIA-PBSS5350D Datasheet
999Kb / 9P
   50 V, 3 A PNP low VCEsat transistor
1 January 2023
PBSS5350D-Q NEXPERIA-PBSS5350D-Q Datasheet
219Kb / 9P
   50 V, 3 A PNP low VCEsat transistor
10 May 2022
logo
NXP Semiconductors
PBSS5350D PHILIPS-PBSS5350D_15 Datasheet
262Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 6-28 June 2011
More results

Similar Description - PBSS5350D

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com