Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

135D206X0060F2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 135D206X0060F2
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D206X0060F2 Datasheet(HTML) 1 Page - Vishay Siliconix

  135D206X0060F2 Datasheet HTML 1Page - Vishay Siliconix 135D206X0060F2 Datasheet HTML 2Page - Vishay Siliconix 135D206X0060F2 Datasheet HTML 3Page - Vishay Siliconix 135D206X0060F2 Datasheet HTML 4Page - Vishay Siliconix 135D206X0060F2 Datasheet HTML 5Page - Vishay Siliconix 135D206X0060F2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40024
2
Revision: 26-Sep-06
135D
Vishay
Wet Tantalum Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal
For - 55 °C to + 200 °C Operation
FEATURES
Terminations : standard Tin/lead (SnPb), 100 %
Tin (RoHS compliant) available
Standard and Extended Ratings
Model 135D tantalum-case tantalum electrolytic
capacitors incorporate the advantages of all the varieties of
electrolytic
capacitors
and
eliminate
most
of
the
disadvantages. These units have a 3 volt reverse voltage
capability at + 85 °C and a higher ripple current capability
than any other electrolytic type with similar combinations of
capacitance and case size.
Designed for the aerospace applications, this capacitor
was developed under partial sponsorship of the Marshall
Space Flight Center, National Aeronautics and Space
Administration. The capacitors have a high resistance to
damage from shock and vibration. Extended range ratings
and high temperature designs are available.
Model 135D capacitors are commercial equivalents of
Tansitor Style; AQ, AR, HAQ, HAR, Mallory-NACC Style;
TLT, TXT, THT, THX and Military Style CLR79 and CLR81,
designed to meet the performance requirements of Military
Specification MIL-PRF-39006/22/25. Capacitors to meet
MILPRF- 39006/22/25 should be ordered by part numbers
shown in that specification.
Available
RoHS*
COMPLIANT
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C.
(To + 200 °C with voltage derating.)
Capacitance Tolerance: At 120 Hz, + 25 °C. ± 20 %
standard. ± 10 %, ± 5 % available as special.
DC Leakage Current (DCL Max.): At + 25 °C and above:
Leakage current shall not exceed the values listed in the
Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a 2000
hour life test at a temperature of + 85 °C or + 125 °C at the
applicable rated DC working voltage.
Following life test:
1. DCL, measured at + 85 °C rated voltage, shall not be in
excess of the original requirement.
2. The equivalent series resistance shall not exceed 150 %
of the initial requirement.
3. Change in capacitance shall not exceed 10 % from the
initial measurement.
* Pb containing terminations are not RoHS compliant, exemptions may apply
ORDERING INFORMATION
135D
306
X0
006
C
2
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85
°C
CASE CODE
STYLE NUMBER
RoHS COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
X0 =
± 20 %
X9 =
± 10 %
X5 =
± 5 %
This is expressed in volts.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point is
indicated by an "R"
(6R3 = 6.3 volts).
See Ratings
and
Case Codes
Table.
Standard
0 = No outer tube.
2 = Outer polyesterfilm
insulation.
High Temperature
8 = No outer tube.
6 = High temperature film
insulation (above + 125 °C).
E3 = 100 % tin
termination (RoHS
compliant design)
Blank = SnPb
termination
(standard design)
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not
recommended due to the unit weight.


Similar Part No. - 135D206X0060F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D206X0060F2 VISHAY-135D206X0060F2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D206X0060F2 VISHAY-135D206X0060F2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D206X0060F2 VISHAY-135D206X0060F2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D206X0060F2 VISHAY-135D206X0060F2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D206X0060F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com