Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6212C36AD Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6212C36AD
Description  High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6212C36AD Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6212C36AD Datasheet HTML 1Page - Torex Semiconductor XC6212C36AD Datasheet HTML 2Page - Torex Semiconductor XC6212C36AD Datasheet HTML 3Page - Torex Semiconductor XC6212C36AD Datasheet HTML 4Page - Torex Semiconductor XC6212C36AD Datasheet HTML 5Page - Torex Semiconductor XC6212C36AD Datasheet HTML 6Page - Torex Semiconductor XC6212C36AD Datasheet HTML 7Page - Torex Semiconductor XC6212C36AD Datasheet HTML 8Page - Torex Semiconductor XC6212C36AD Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
XC6209/6212 Series
High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
GENERAL DESCRIPTION
The XC6209/XC6212 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS
processes. The series achieves high ripple rejection and low dropout and consists of a voltage reference, an error amplifier, a
current limiter and a phase compensation circuit plus a driver transistor.
Output voltage is selectable in 50mV increments within a range of 0.9V ~ 6.0V. The series is also compatible with low ESR
ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the
excellent transient response of the series. The current limiter's foldback circuit also operates as a short protect for the output
current limiter and the output pin. The CE function enables the output to be turned off, resulting in greatly reduced power
consumption.
ETR0306-003
APPLICATIONS
Mobile phones, Cordless phones
Wireless communication equipment
Portable games
Cameras, Video recorders
Portable AV equipment
Reference voltage
Battery powered equipment
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE
CHARACTERISTICS
FEATURES
Maximum Output Current
: 150mA
(300mA=XC6209E to H types)
Dropout Voltage
: 60mV @ 30mA
200mV @ 100mA
Minimum Operating Voltage
: 2.0~10.0V
Output Voltage Range
: 0.9V ~ 6.0V (50mV increment)
Highly Accurate
: ±2% (VOUT>1.5V)
±
30mV (VOUT≦1.5V)
Low Power Consumption
: 25μA (TYP.)
Stand-by Current
: Less than 0.1μA (TYP.)
Highly Ripple Rejection
: 70dB (10kHz)
Operating Temperature Range : -40℃~ +85℃
Low ESR Capacitor
: Ceramic capacitor compatible
Process
: CMOS
Built-In Circuit
: Current Limit Circuit
Ultra Small Packages
: SOT-25
USP-6B (XC6209)
SOT-89-5 (XC6209)


Similar Part No. - XC6212C36AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212C302ML TOREX-XC6212C302ML Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6212C302MR TOREX-XC6212C302MR Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6212C30AML TOREX-XC6212C30AML Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6212C30AMR TOREX-XC6212C30AMR Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6212C36AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com