Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6912A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS6912A
Description  Dual N-Channel Logic Level PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6912A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6912A Datasheet HTML 1Page - Fairchild Semiconductor FDS6912A Datasheet HTML 2Page - Fairchild Semiconductor FDS6912A Datasheet HTML 3Page - Fairchild Semiconductor FDS6912A Datasheet HTML 4Page - Fairchild Semiconductor FDS6912A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDS6912A Rev D(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
25
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
VDS = 24 V, VGS = 0 V, TJ = 55
°C
1
10
µA
IGSS
Gate–Source Leakage
VGS =
±20 V, V
DS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
1
1.9
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–4.5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 6 A
VGS = 4.5 V,
ID = 5 A
VGS = 10 V, ID = 6 A,TJ = 125
°C
19
24
27
28
35
44
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
20
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 6 A
25
S
Dynamic Characteristics
Ciss
Input Capacitance
575
pF
Coss
Output Capacitance
145
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
65
pF
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
2.1
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
8
16
ns
tr
Turn–On Rise Time
5
10
ns
td(off)
Turn–Off Delay Time
23
37
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
3
6
ns
Qg
Total Gate Charge
5.8
8.1
nC
Qgs
Gate–Source Charge
1.7
nC
Qgd
Gate–Drain Charge
VDS = 15 V,
ID = 6 A,
VGS = 5 V
2.1
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.3 A
(Note 2)
0.75
1.2
V
trr
Diode Reverse Recovery Time
20
nS
Qrr
Diode Reverse Recovery Charge
IF = 6 A,
diF/dt = 100 A/µs
10
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 78°C/W when
mounted on a 0.5in
2
pad of 2 oz copper
b) 125°C/W when
mounted on a 0.02
in
2 pad of 2 oz
copper
c) 135°C/W when mounted on a
minimum mounting pad.
Scale 1 : 1 on letter size paper
Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDS6912A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
logo
Guangdong Youtai Semico...
FDS6912A UMW-FDS6912A Datasheet
387Kb / 6P
   30V Dual N-Channel MOSFET
More results

Similar Description - FDS6912A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6910 FAIRCHILD-FDS6910 Datasheet
112Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6930B FAIRCHILD-FDS6930B Datasheet
532Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
FDS8949_F085 FAIRCHILD-FDS8949_F085 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI3948DV FAIRCHILD-SI3948DV Datasheet
95Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS8949 FAIRCHILD-FDS8949 Datasheet
342Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6910 KEXIN-KDS6910 Datasheet
67Kb / 2P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com