Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X98017L128-3.3 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X98017L128-3.3
Description  170MHz Triple Video Digitizer with Digital PLL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X98017L128-3.3 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X98017L128-3.3 Datasheet HTML 2Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 3Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 4Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 5Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 6Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 7Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 8Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 9Page - Intersil Corporation X98017L128-3.3 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
FN8218.3
March 8, 2006
Programmable
Width and Polarity
Analog
Video In
P
1
P
2
P
3
P
4
P
5
P
6
P
7
P
8
P
0
P
9
D
0
R
P/GP/BP[7:0]
HS
OUT
8.5 DATACLK Pipeline Latency
R
S/GS/BS[7:0]
P
10
P
11
P
12
D
1
D
2
D
3
HSYNC
IN
The HSYNC edge (programmable leading or trailing) that the DPLL is locked to.
The sampling phase setting determines its relative position to the rest of the AFE’s output signals
DATACLK
t
HSYNCin-to-HSout = 7.5ns + (PHASE/64 +8.5)*tPIXEL
FIGURE 3. 24 BIT OUTPUT MODE
Programmable
Width and Polarity
Analog
Video In
P
1
P
2
P
3
P
4
P
5
P
6
P
7
P
8
P
0
P
9
HS
OUT
8.5 DATACLK Pipeline Latency
P
10
P
11
P
12
HSYNC
IN
The HSYNC edge (programmable leading or trailing) that the DPLL is locked to.
The sampling phase setting determines its relative position to the rest of the AFE’s output signals
DATACLK
G
0 (Yo)
G
1 (Y1)G2 (Y2)
B
0 (Uo)R1 (V1)B2 (U2)
G
P[7:0]
R
P[7:0]
B
P[7:0]
t
HSYNCin-to-HSout = 7.5ns + (PHASE/64 +8.5)*tPIXEL
FIGURE 4. 24 BIT 4:2:2 OUTPUT MODE (FOR YUV SIGNALS)
X98017


Similar Part No. - X98017L128-3.3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98017L128-3.3 INTERSIL-X98017L128-3.3 Datasheet
295Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017L128-3.3 RENESAS-X98017L128-3.3 Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98017L128-3.3 INTERSIL-X98017L128-3.3 Datasheet
443Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98017L128-3.3-Z INTERSIL-X98017L128-3.3-Z Datasheet
295Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017L128-3.3-Z RENESAS-X98017L128-3.3-Z Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
More results

Similar Description - X98017L128-3.3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98017 INTERSIL-X98017 Datasheet
295Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017 RENESAS-X98017 Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98017 INTERSIL-X98017_14 Datasheet
443Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
March 8, 2006
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com