Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6675 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS6675
Description  Single P-Channel, Logic Level, PowerTrenchTM MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6675 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6675 Datasheet HTML 1Page - Fairchild Semiconductor FDS6675 Datasheet HTML 2Page - Fairchild Semiconductor FDS6675 Datasheet HTML 3Page - Fairchild Semiconductor FDS6675 Datasheet HTML 4Page - Fairchild Semiconductor FDS6675 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
(T
A = 25
OC unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, I D = -250 µA
-30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = -250 µA, Referenced to 25
oC
-22
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = -24 V, VGS = 0 V
-1
µA
T
J = 55°C
-10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = -250 µA
-1
-1.7
-3
V
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
4.3
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -10 V, I D = -11 A
0.011
0.014
T
J =125°C
0.016
0.023
V
GS = -4.5 V, I D = -9 A
0.015
0.02
I
D(ON)
On-State Drain Current
V
GS = -10 V, VDS = -5 V
-50
A
g
FS
Forward Transconductance
V
DS = -10 V, I D = -11 A
32
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = -15 V, VGS = 0 V,
f = 1.0 MHz
3000
pF
C
oss
Output Capacitance
870
pF
C
rss
Reverse Transfer Capacitance
360
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DS = -15 V, I D = -1 A
12
22
ns
t
r
Turn - On Rise Time
V
GEN = -10 V, RGEN = 6
16
27
ns
t
D(off)
Turn - Off Delay Time
50
80
ns
t
f
Turn - Off Fall Time
100
140
ns
Q
g
Total Gate Charge
V
DS = -15 V, I D = -11 A,
30
42
nC
Q
gs
Gate-Source Charge
V
GS = -5 V
9
nC
Q
gd
Gate-Drain Charge
11
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
-2.1
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = -2.1 A
(Note 2)
-0.72
-1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is
guaranteed by design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDS6675 Rev.C2
c. 125
OC/W on a 0.006 in2 pad
of 2oz copper.
b. 105
OC/W on a 0.04 in2
pad of 2oz copper.
a. 50
OC/W on a 1 in2 pad
of 2oz copper.


Similar Part No. - FDS6675

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
logo
Guangdong Youtai Semico...
FDS6675 UMW-FDS6675 Datasheet
358Kb / 6P
   -30V P-Channel MOSFET
logo
Fairchild Semiconductor
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
360Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -11A, 13mOhm
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDS6675

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4425DY FAIRCHILD-SI4425DY Datasheet
119Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6975 FAIRCHILD-FDS6975 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com