Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS4470 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDS4470
Description  40V N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4470 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS4470 Datasheet HTML 1Page - Fairchild Semiconductor FDS4470 Datasheet HTML 2Page - Fairchild Semiconductor FDS4470 Datasheet HTML 3Page - Fairchild Semiconductor FDS4470 Datasheet HTML 4Page - Fairchild Semiconductor FDS4470 Datasheet HTML 5Page - Fairchild Semiconductor FDS4470 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDS4470 Rev D1 (W)
Typical Characteristics
0
2
4
6
8
10
0
102030
40
50
Qg, GATE CHARGE (nC)
ID = 12.5A
VDS = 10V
20V
30V
0
800
1600
2400
3200
4000
0
1020
3040
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
μs
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 125°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 125
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDS4470

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS4470

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4672A FAIRCHILD-FDS4672A_07 Datasheet
454Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8444 FAIRCHILD-FDD8444 Datasheet
343Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2mOhm
FDB016N04AL7 FAIRCHILD-FDB016N04AL7 Datasheet
1Mb / 9P
   N-Channel PowerTrench짰 MOSFET 40V, 306A, 1.6mW
FDD8445 FAIRCHILD-FDD8445 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7mOhm
FDB8444 FAIRCHILD-FDB8444 Datasheet
312Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 70A, 5.5mOhm
FDD8444 FAIRCHILD-FDD8444_06 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
FDB8445 FAIRCHILD-FDB8445 Datasheet
367Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 70A, 9mOhm
FDD4243 FAIRCHILD-FDD4243_07 Datasheet
388Kb / 6P
   40V P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDS4675-F085 ONSEMI-FDS4675-F085 Datasheet
850Kb / 7P
   40V P-Channel PowerTrench짰 MOSFET
September-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com