Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS3992 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS3992
Description  Dual N-Channel PowerTrench짰 MOSFET 100V, 4.5A, 62m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3992 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS3992 Datasheet HTML 1Page - Fairchild Semiconductor FDS3992 Datasheet HTML 2Page - Fairchild Semiconductor FDS3992 Datasheet HTML 3Page - Fairchild Semiconductor FDS3992 Datasheet HTML 4Page - Fairchild Semiconductor FDS3992 Datasheet HTML 5Page - Fairchild Semiconductor FDS3992 Datasheet HTML 6Page - Fairchild Semiconductor FDS3992 Datasheet HTML 7Page - Fairchild Semiconductor FDS3992 Datasheet HTML 8Page - Fairchild Semiconductor FDS3992 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
August 2004
FDS3992 Rev. B1
FDS3992
Dual N-Channel PowerTrench® MOSFET
100V, 4.5A, 62m
Features
•rDS(ON) = 54mΩ (Typ.), VGS = 10V, ID = 4.5A
•Qg(tot) = 11nC (Typ.), VGS = 10V
• Low Miller Charge
•Low QRR Body Diode
• Optimized efficiency at high frequencies
• UIS Capability (Single Pulse and Repetitive Pulse)
Formerly developmental type 82745
Applications
• DC/DC converters and Off-Line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 24V and 48V Systems
• High Voltage Synchronous Rectifier
• Direct Injection / Diesel Injection Systems
• 42V Automotive Load Control
Electronic Valve Train Systems
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
100
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
4.5
A
Continuous (TA = 25
oC, V
GS = 10V, R
θJA = 50
oC/W)
Continuous (TA = 100
oC, V
GS = 10V, R
θJA = 50
oC/W)
2.8
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
167
mJ
PD
Total Package Power Dissipation
2.5
W
Derate above 25oC20
mW/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 150
oC
RθJA
Thermal Resistance, Junction to Ambient at 10 seconds (Note 3)
50
oC/W
RθJA
Thermal Resistance, Junction to Ambient at 1000 seconds (Note 3)
85
oC/W
RθJC
Thermal Resistance, Junction to Case (Note 2)
25
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS3992
FDS3992
SO-8
330mm
12mm
2500 units
SO-8
Branding Dash
1
5
2
3
4
(8)
(1)
(7)
(6)
(5)
(3)
(4)
(2)


Similar Part No. - FDS3992

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3992 FAIRCHILD-FDS3992 Datasheet
286Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 4.5A, 62m?
More results

Similar Description - FDS3992

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3992 FAIRCHILD-FDS3992 Datasheet
286Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 4.5A, 62m?
FDB047N10 FAIRCHILD-FDB047N10_12 Datasheet
1Mb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP047N10 FAIRCHILD-FDP047N10_12 Datasheet
1,008Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP045N10A FAIRCHILD-FDP045N10A Datasheet
751Kb / 10P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.5m
FDPF045N10A FAIRCHILD-FDPF045N10A Datasheet
669Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 67A, 4.5m
FDPF085N10A FAIRCHILD-FDPF085N10A Datasheet
1Mb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 40A, 8.5mW
FDMD82100L FAIRCHILD-FDMD82100L Datasheet
253Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET
FDG8850NZ FAIRCHILD-FDG8850NZ Datasheet
326Kb / 5P
   Dual N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMA1024NZ ONSEMI-FDMA1024NZ Datasheet
622Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
October-2017, Rev.2
logo
Fairchild Semiconductor
FDMS9600S FAIRCHILD-FDMS9600S Datasheet
329Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com