Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313USZ-3 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9313USZ-3
Description  Digitally Controlled Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313USZ-3 Datasheet(HTML) 3 Page - Intersil Corporation

  X9313USZ-3 Datasheet HTML 1Page - Intersil Corporation X9313USZ-3 Datasheet HTML 2Page - Intersil Corporation X9313USZ-3 Datasheet HTML 3Page - Intersil Corporation X9313USZ-3 Datasheet HTML 4Page - Intersil Corporation X9313USZ-3 Datasheet HTML 5Page - Intersil Corporation X9313USZ-3 Datasheet HTML 6Page - Intersil Corporation X9313USZ-3 Datasheet HTML 7Page - Intersil Corporation X9313USZ-3 Datasheet HTML 8Page - Intersil Corporation X9313USZ-3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN8177.5
April 18, 2007
Pin Descriptions
RH/VH and RL/VL
The high (RH/VH) and low (RL/VL) terminals of the X9313
are equivalent to the fixed terminals of a mechanical
potentiometer. The terminology of RL/VL and RH/VH
references the relative position of the terminal in relation to
wiper movement direction selected by the U/D input and not
the voltage potential on the terminal.
RW/VW
RW/VW is the wiper terminal and is equivalent to the
movable terminal of a mechanical potentiometer. The
position of the wiper within the array is determined by the
control inputs. The wiper terminal series resistance is
typically 40
Ω at V
CC = 5V.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will
move the wiper and either increment or decrement the
counter in the direction indicated by the logic level on the
U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The current
counter value is stored in nonvolatile memory when CS is
returned HIGH while the INC input is also HIGH. After the
store operation is complete the X9313 will be placed in the low
power standby mode until the device is selected once again.
X9313WMIZ-3* (Note)
13WEZ
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313WS-3*
X9313W D
0 to +70
8 Ld SOIC
MDP0027
X9313WSZ-3* (Note)
X9313W ZD
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313ZM-3*
13ZD
3 to 5.5
1
0 to +70
8 Ld MSOP
M8.118
X9313ZMZ-3* (Note)
DDK
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9313ZMI-3*
13ZE
-40 to +85
8 Ld MSOP
M8.118
X9313ZMIZ-3* (Note)
13ZEZ
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313ZP-3
X9313ZP D
0 to +70
8 Ld PDIP
MDP0031
X9313ZPZ-3 (Note)
X9313ZP ZD
0 to +70
8 Ld PDIP (Pb-free)***
MDP0031
X9313ZS-3*
X9313Z D
0 to +70
8 Ld SOIC
MDP0027
X9313ZSZ-3* (Note)
X9313Z ZD
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313ZSI-3*
X9313Z E
-40 to +85
8 Ld SOIC
MDP0027
X9313ZSIZ-3* (Note)
X9313Z ZE
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Add "T1" suffix for tape and reel.
**Add "T2" suffix for tape and reel.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Ordering Information (Continued)
PART NUMBER
PART
MARKING
VCC RANGE
(V)
RTOTAL
(k
Ω)
TEMPERATURE
RANGE
(°C)
PACKAGE
PKG.
DWG. #
Pinouts
X9313
8 LD PDIP, 8 LD SOIC
TOP VIEW
X9313
8 LD MSOP
TOP VIEW
VCC
CS
INC
U/D
RH/VH
VSS
1
2
3
4
8
7
6
5
X9313
RL/VL
RW/VW
VCC
CS
U/D
RH/VH
1
2
3
4
8
7
6
5
X9313
RL/VL
RW/VW
INC
VSS
X9313


Similar Part No. - X9313USZ-3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313USZ-3 INTERSIL-X9313USZ-3 Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313USZ-3 INTERSIL-X9313USZ-3 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313USZ-3 INTERSIL-X9313USZ-3 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Renesas Technology Corp
X9313USZ-3 RENESAS-X9313USZ-3 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
More results

Similar Description - X9313USZ-3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com