Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34017AD Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC34017AD
Description  Telephone Tone Ringer Bipolar Linear/I2L
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34017AD Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34017AD Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34017AD Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34017AD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34017AD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34017AD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34017AD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34017AD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34017AD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34017AD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34017A
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. 34017A Terminal Connections
Table 1. 34017A Terminal Definitions
Terminal
Number
Terminal
Name
Terminal
Function
Formal
Name
Definition
1, 8
AC1, AC2
The input terminals to the full-wave diode bridge. The AC ringing signal from the
telephone line energizes the ringer through this bridge.
5
RS
The input of the threshold comparator to which diode bridge current is mirrored and
sensed through an external resistor (R3). Nominal threshold is 1.2 V. This Terminal
internally clamps at 1.5 V.
4
RI
The positive supply terminal for the oscillator, frequency divider, and output buffer
circuits.
2, 3
RO1, RO2
The tone ringer output terminals through which the sound element is driven.
7
RG
The negative terminal of the diode bridge and the negative supply terminal of the tone
generating circuitry.
6
RC
The oscillator terminal for the external resistor and capacitor which control the tone
ringer frequencies (R2, C2).
1
AC1
R01
R02
RI
AC2
RG
RC
RS
1
2
3
45
6
7
8


Similar Part No. - MC34017AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34017 MOTOROLA-MC34017 Datasheet
133Kb / 8P
   TELEPHONE TONE RINGER BIPOLAR LINEAR/I2L
More results

Similar Description - MC34017AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34017 MOTOROLA-MC34017 Datasheet
133Kb / 8P
   TELEPHONE TONE RINGER BIPOLAR LINEAR/I2L
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com