Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313ZSIZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9313ZSIZ
Description  Digitally Controlled Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313ZSIZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9313ZSIZ Datasheet HTML 4Page - Intersil Corporation X9313ZSIZ Datasheet HTML 5Page - Intersil Corporation X9313ZSIZ Datasheet HTML 6Page - Intersil Corporation X9313ZSIZ Datasheet HTML 7Page - Intersil Corporation X9313ZSIZ Datasheet HTML 8Page - Intersil Corporation X9313ZSIZ Datasheet HTML 9Page - Intersil Corporation X9313ZSIZ Datasheet HTML 10Page - Intersil Corporation X9313ZSIZ Datasheet HTML 11Page - Intersil Corporation X9313ZSIZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN8177.5
April 18, 2007
Applications Information
Electronic digitally controlled potentiometers (XDCP) provide
three powerful application advantages; (1) the variability and
reliability of a solid-state potentiometer, (2) the flexibility of
computer-based digital controls, and (3) the retentivity of
nonvolatile memory used for the storage of multiple
potentiometer settings or data.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VW/RW
VR
I
THREE-TERMINAL POTENTIOMETER;
VARIABLE VOLTAGE DIVIDER
TWO-TERMINAL VARIABLE RESISTOR;
VARIABLE CURRENT
VH
VL
CASCADING TECHNIQUES
BUFFERED REFERENCE VOLTAGE
+
+5V
R1
+V
-5V
VW
VREF
VOUT
OP-07
VW
VW/RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
NONINVERTING AMPLIFIER
+
VS
VO
R2
R1
VO = (1 + R2/R1)VS
LM308A
VOLTAGE REGULATOR
R1
R2
Iadj
VO (REG) = 1.25V (1 + R2/R1) + IADJ R2
VO (REG)
VIN
317
OFFSET VOLTAGE ADJUSTMENT
+
VS
VO
R2
R1
100k
Ω
10k
Ω
10k
Ω
10k
Ω
-12V
+12V
TL072
COMPARATOR WITH HYSTERESIS
VUL = [R1/(R1 + R2)] VO(max)
VLL = [R1/(R1 + R2)] VO(min)
+
VS
VO
R2
R1
LT311A
+5V
-5V
(FOR ADDITIONAL CIRCUITS SEE AN115)
X9313


Similar Part No. - X9313ZSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313ZSIZ INTERSIL-X9313ZSIZ Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313ZSIZ INTERSIL-X9313ZSIZ Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313ZSIZ INTERSIL-X9313ZSIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313ZSIZ INTERSIL-X9313ZSIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Renesas Technology Corp
X9313ZSIZ RENESAS-X9313ZSIZ Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
More results

Similar Description - X9313ZSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com