Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSC-300DIE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RSC-300DIE
Description  Speech Recognition Microcontroller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSC-300DIE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  RSC-300DIE Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC-300DIE Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC-300DIE Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC-300DIE Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC-300DIE Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC-300DIE Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC-300DIE Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC-300DIE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATA SHEET
RSC-300/364
From the Interactive Speech™ Line of Products
7
TIMING DIAGRAMS
Note that the -RDC signal does not necessarily pulse for every read from code space, but may stay low for multiple cycles.
ADDRESS
-RDD (-RDC)
DATA
-WRC (-WRD)
TRLRH
TRLAV
TRAVDV
TRHDX
TWLWH
ADDRESS
TAVWL
TALRAX
TALWAX
TWDVAV
TWHQX
DATA
External Read Timing
External Write Timing
ABSOLUTE MAXIMUM RATINGS
Any pin to GND
-0.1V to +6.5V
Operating temperature (TO)
0°C to +70°C
Soldering temperature
260°C for 10 sec
Power dissipation
1 W
Operating Conditions
0°C to +70°C;
VDD=2.4 - 5.25V
VSS=0V
WARNING: Stressing the RSC-300/364 beyond the
“Absolute Maximum Ratings” may cause permanent
damage. These are stress ratings only. Operation
beyond
the
“Operating
Conditions”
is
not
recommended and extended exposure beyond the
“Operating
Conditions”
may
affect
device
reliability.
ORDERING INFORMATION
Part
Marketing #
Description
RSC-364 DWF
C364XS1P
Tested die in wafer form
RSC-364 Die
C364XD1B
Tested, singulated die in waffle pack
RSC-364 QFP
C364XT1T
64 pin 10 x 10 x 1.4 mm TQFP
RSC-300 DWF
C300XS1P
Tested die in wafer form
RSC-300 Die
C300XD1B
Tested, singulated die in waffle pack
RSC-300 QFP
C300XT1T
64 pin 10 x 10 x 1.4 mm TQFP


Similar Part No. - RSC-300DIE

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
More results

Similar Description - RSC-300DIE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
   SPEECH RECOGNITION
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC4128 ETC-RSC4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
   Speech Recognition Processor
RSC-164I ETC1-RSC-164I Datasheet
60Kb / 5P
   General Purpose Microcontroller Featuring Speech Recognition, Speaker Verification, and Speech Synthesis.
RSC-164 ETC1-RSC-164 Datasheet
129Kb / 10P
   General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
80-0274-E ETC1-80-0274-E Datasheet
84Kb / 5P
   VR Stamp??With Serial EEPROM Speech Recognition Module
N584HP300 ETC2-N584HP300 Datasheet
562Kb / 11P
   4-bit microcontroller-based speech synthesizer
N584HXXX ETC2-N584HXXX Datasheet
590Kb / 11P
   4-bit microcontroller-based speech synthesizer
logo
OSRAM GmbH
SFH4060 OSRAM-SFH4060 Datasheet
975Kb / 17P
   Gesture Recognition
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com