Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSC-300DWF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RSC-300DWF
Description  Speech Recognition Microcontroller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSC-300DWF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RSC-300DWF Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC-300DWF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RSC-300/364
DATA SHEET
4
From the Interactive Speech™ Line of Products
RSC-300/364 INSTRUCTION SET
The instruction set for the RSC-300/364 has 54
instructions comprising 10 move, 7 rotate, 11 branch, 11
register arithmetic, 9 immediate arithmetic, and 6
miscellaneous instructions. All instructions are 3 bytes or
fewer, and no instruction requires more than 10 clock
cycles to execute.
GENERAL PURPOSE I/O
The RSC-300/364 has 16 general purpose I/O pins (P0.0-
P0.7, P1.0-P1.7). Each pin can be programmed as an
input with weak pull-up (~150k
Ω equivalent device);
input with strong pull-up (~10k
Ω equivalent device);
input without pull-up, or as an output.
EXTERNAL MEMORY
The RSC-300/364 includes an external memory interface
that allows connection with memory devices for speaker-
dependent speech recognition, audio record/playback,
and extended durations of speech and music synthesis.
Separate data and address buses allow use of standard
EPROMs, ROMs, SRAMs, and Flash memory with little
or no additional decoding. Support for separate read and
write signals for each external memory space further
simplifies interfacing. The RSC-300/364 includes 8 data
lines (D[7:0]) and 16 address lines (A[15:0]), and
associated control signals for memory interfacing.
OSCILLATORS
Two independent oscillators in the RSC-300/364 provide
a high-frequency clock and a 32kHz time-keeping clock.
Both oscillators work with an external crystal, a ceramic
resonator or LC. The oscillator characteristics are:
Oscillator #1:
Pins XI1, XO1
14.32 MHz
Oscillator #2
Pins XI2 and XO2
32768 Hz
CLOCK
The RSC-300/364 uses a fully static core – the processor
can be stopped (by removing the clock source) and
restarted without causing a reset or losing contents of
internal registers. Static operation is guaranteed from DC
to 14.32 MHz.
Typically the processor clock runs from a 14.32 MHz
crystal with no divisor and one wait state. This creates
internal RAM cycles of 70 nsec duration and internal
ROM (RSC-364 only) or external cycles of 140 nsec
duration. Careful design may allow operation with
memories having access times as slow as 120 nsec.
TIMERS/COUNTERS
The two independent oscillators of the RSC-300/364
provide counts to two internal timers. Each of the two
timers consists of an 8-bit reload value register and an 8-
bit up-counter.
The reload register is readable and
writeable by the processor.
INTERRUPTS
The RSC-300/364 allows for five interrupt sources, as
selected by software. Each has its own mask bit and
request bit in the IMR and IRQ registers respectively.
The following events can generate interrupts:
Positive edge on Port 0, bit 0
Overflow of Timer 1
Overflow of Timer 2
Sensory reserved functions
Completion of PWM sample period
PREAMPLIFIER
The on-chip preamplifier circuit consists of three stages
with a maximum overall gain of about 500.
The
amplifier includes a Vref input that is used to set the
amplifier center voltages and must be driven by a low
impedance voltage supplied by an external source. The
signal inputs of all stages have an 80 K
Ω input
impedance to the Vref pad. In a typical design, AOFE1
would be directly coupled to AIFE2, and AOFE2 would
be capacitively coupled to AIN0 through an RC lowpass
filter to remove DC offset and digital noise.
AOFE3
would be bypassed to Vref with a small (220pF) capacitor
for additional noise suppression.
ANALOG OUTPUT
The RSC-300/364 offers two separate options for analog
output. The DAC (Digital to Analog Converter) output
provides a general purpose 10-bit analog output that may
be used for speech output (with the inclusion of an audio
amplifier), or other purposes requiring an analog
waveform. For speech applications that require driving a
small speaker, the PWM (Pulse-Width Modulator) output
can be used instead of the DAC output.
The PWM
output can directly drive a 32 ohm speaker.
PACKAGING
The RSC-300/364 can be purchased as unpackaged die or
a 64 pin TQFP package.


Similar Part No. - RSC-300DWF

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-1000 RIEDON-RSC-1000 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
More results

Similar Description - RSC-300DWF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
   SPEECH RECOGNITION
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC4128 ETC-RSC4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
   Speech Recognition Processor
RSC-164I ETC1-RSC-164I Datasheet
60Kb / 5P
   General Purpose Microcontroller Featuring Speech Recognition, Speaker Verification, and Speech Synthesis.
RSC-164 ETC1-RSC-164 Datasheet
129Kb / 10P
   General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
80-0274-E ETC1-80-0274-E Datasheet
84Kb / 5P
   VR Stamp??With Serial EEPROM Speech Recognition Module
N584HP300 ETC2-N584HP300 Datasheet
562Kb / 11P
   4-bit microcontroller-based speech synthesizer
N584HXXX ETC2-N584HXXX Datasheet
590Kb / 11P
   4-bit microcontroller-based speech synthesizer
logo
OSRAM GmbH
SFH4060 OSRAM-SFH4060 Datasheet
975Kb / 17P
   Gesture Recognition
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com