Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9410WV24-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9410WV24-2.7
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9410WV24-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9410WV24-2.7 Datasheet HTML 1Page - Intersil Corporation X9410WV24-2.7 Datasheet HTML 2Page - Intersil Corporation X9410WV24-2.7 Datasheet HTML 3Page - Intersil Corporation X9410WV24-2.7 Datasheet HTML 4Page - Intersil Corporation X9410WV24-2.7 Datasheet HTML 5Page - Intersil Corporation X9410WV24-2.7 Datasheet HTML 6Page - Intersil Corporation X9410WV24-2.7 Datasheet HTML 7Page - Intersil Corporation X9410WV24-2.7 Datasheet HTML 8Page - Intersil Corporation X9410WV24-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8193.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9410
Low Noise/Low Power/SPI Bus
Dual Digitally Controlled Potentiometer
(XDCP™)
FEATURES
• Two potentiometers per package
• SPI serial interface
• Register oriented format
- Direct read/write/transfer wiper positions
- Store as many as four positions per
potentiometer
• Power supplies
-VCC = 2.7V to 5.5V
- V+ = 2.7V to 5.5V
- V- = -2.7V to -5.5V
• Low power CMOS
- Standby current < 1µA
- High reliability
- Endurance - 100,000 data changes per bit per
register
- Register data retention - 100 years
• 8-bytes of nonvolatile EEPROM memory
•10k
Ω resistor arrays
• Resolution: 64 taps each pot
• 24 Ld SOIC, 24 Ld TSSOP, and 24 Ld plastic DIP
packages
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The
X9410
integrates
two
digitally
controlled
potentiometers (XDCPs) on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI
serial
bus
interface.
Each
potentiometer
has
associated with it a volatile Wiper Counter Register
(WCR) and four nonvolatile Data Registers (DR0:DR3)
that can be directly written to and read by the user.
The contents of the WCR controls the position of the
wiper on the resistor array through the switches.
Power-up recalls the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
CS
SCK
A0
A1
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
SO
SI
HOLD
WP
Pot 0
VCC
VSS
V+
V-
Pot 1
Data Sheet
October 12, 2006


Similar Part No. - X9410WV24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410WV24-2.7 XICOR-X9410WV24-2.7 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410WV24-2.7 INTERSIL-X9410WV24-2.7 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
logo
Renesas Technology Corp
X9410WV24-2.7 RENESAS-X9410WV24-2.7 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
More results

Similar Description - X9410WV24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com