Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9269US24Z-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9269US24Z-2.7
Description  Dual Digitally-Controlled Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9269US24Z-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9269US24Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9269US24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9269US24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9269US24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9269US24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9269US24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9269US24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9269US24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9269US24Z-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN8173.4
April 17, 2007
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms EEPROM write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9269
initiates the internal write cycle. ACK polling, Flow 1,
can be initiated immediately. This involves issuing the
start condition followed by the device slave address. If
the X9269 is still busy with the write operation no ACK
will be returned. If the X9269 has completed the write
operation an ACK will be returned and the master can
then proceed with the next operation.
FLOW 1: ACK Polling Sequence
INSTRUCTION AND REGISTER DESCRIPTION
Instructions
DEVICE ADDRESSING: IDENTIFICATION BYTE (ID AND A)
The first byte sent to the X9269 from the host is called
the Identification Byte. The most significant four bits of
the slave address are a device type identifier. The
ID[3:0] bits is the device id for the X9269; this is fixed
as 0101[B] (refer to Table 1).
The A[3:0] bits in the ID byte is the internal slave
address. The physical device address is defined by
the state of the A3-A0 input pins. The slave address
is externally specified by the user. The X9269
compares the serial data stream with the address
input state; a successful compare of both address
bits is required for the X9269 to successfully continue
the command sequence. Only the device which slave
address matches the incoming device address sent
by the master executes the instruction. The A3 - A0
inputs can be actively driven by CMOS input signals
or tied to VCC or VSS.
INSTRUCTION BYTE (I)
The next byte sent to the X9269 contains the
instruction and register pointer information. The three
most significant bits are used provide the instruction
opcode I [3:0]. The RB and RA bits point to one of the
four Data Registers of each associated XDCP. The
least significant bit points to one of two Wiper Counter
Registers or Pots. The format is shown in Table 2.
Register Selection
Nonvolatile Write
Command Completed
EnterACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Issue STOP
No
Yes
Yes
Proceed
Issue STOP
No
Proceed
Register Selected
RB
RA
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
X9269


Similar Part No. - X9269US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9269US24Z-2.7 RENESAS-X9269US24Z-2.7 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9269US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com