Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X95840 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X95840
Description  Quad Digital Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X95840 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X95840_06 Datasheet HTML 4Page - Intersil Corporation X95840_06 Datasheet HTML 5Page - Intersil Corporation X95840_06 Datasheet HTML 6Page - Intersil Corporation X95840_06 Datasheet HTML 7Page - Intersil Corporation X95840_06 Datasheet HTML 8Page - Intersil Corporation X95840_06 Datasheet HTML 9Page - Intersil Corporation X95840_06 Datasheet HTML 10Page - Intersil Corporation X95840_06 Datasheet HTML 11Page - Intersil Corporation X95840_06 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN8213.2
July 5, 2006
FIGURE 7. DNL vs TAP POSITION IN Rheostat MODE FOR
50k
Ω (U)
FIGURE 8. INL vs TAP POSITION IN Rheostat MODE FOR
50k
Ω (U)
FIGURE 9. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 11. TC FOR Rheostat MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (2.2MHz)
Typical Performance Curves (Continued)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
32
82
132
182
232
TAP POSITION (DECIMAL)
VCC = 2.7, T = -40°C
VCC = 5.5, T = 25°C
VCC = 5.5, T = 85°C
VCC = 2.7, T = 85°C
VCC = 2.7, T = 25°C
VCC = 5.5, T = -40°C
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
32
82
132
182
232
TAP POSITION (DECIMAL)
VCC = 2.7, T = 25°C
VCC = 2.7, T = 85°C
VCC = 5.5, T = 25°C
VCC = 2.7, T = -40°C
VCC = 5.5, T = 85°C
VCC = 5.5, T = -40°C
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
-40
-20
0
204060
80
TEMPERATURE (°C)
5.5V
2.7V
-20
-10
0
10
20
32
82
132
182
232
TAP POSITION (DECIMAL)
-25
-15
-5
5
15
25
35
32
57
82
107
132
157
182
207
232
TAP POSITION (DECIMAL)
Tap Position = Mid Point
RTOTAL = 9.4K
OUTPUT
INPUT
X95840


Similar Part No. - X95840_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95840UV20I-2.7 INTERSIL-X95840UV20I-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
logo
Renesas Technology Corp
X95840UV20I-2.7 RENESAS-X95840UV20I-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
logo
Intersil Corporation
X95840UV20IZ-2.7 INTERSIL-X95840UV20IZ-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
logo
Renesas Technology Corp
X95840UV20IZ-2.7 RENESAS-X95840UV20IZ-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
logo
Intersil Corporation
X95840WV20I-2.7 INTERSIL-X95840WV20I-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
More results

Similar Description - X95840_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com