Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9521V20IZ-A Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9521V20IZ-A
Description  Dual DCP, EEPROM Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521V20IZ-A Datasheet(HTML) 5 Page - Intersil Corporation

  X9521V20IZ-A Datasheet HTML 1Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 2Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 3Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 4Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 5Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 6Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 7Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 8Page - Intersil Corporation X9521V20IZ-A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FN8207.1
January 3, 2006
Nonvolatile Write Acknowledge Polling
After a nonvolatile write command sequence (for either
the EEPROM array, the Non Volatile Memory of a DCP
(NVM), or the CONSTAT Register) has been correctly
issued (including the final STOP condition), the X9521
initiates an internal high voltage write cycle. This cycle
typically requires 5 ms. During this time, no further Read
or Write commands can be issued to the device. Write
Acknowledge Polling is used to determine when this high
voltage write cycle has been completed.
To perform acknowledge polling, the master issues a
START condition followed by a Slave Address Byte. The
Slave Address issued must contain a valid Internal
Device Address. The LSB of the Slave Address (R/W)
can be set to either 1 or 0 in this case. If the device is still
busy with the high voltage cycle then no ACKNOWL-
EDGE will be returned. If the device has completed the
write operation, an ACKNOWLEDGE will be returned
and the host can then proceed with a read or write opera-
tion. (Refer to Figure 5.).
DIGITALLY CONTROLLED POTENTIOMETERS
DCP Functionality
The X9521 includes two independent resistor arrays.
These arrays respectively contain 99 and 255 discrete
resistive segments that are connected in series. The
physical ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RHx and RLx
inputs - where x = 1,2).
At both ends of each array and between each resistor
segment there is a CMOS switch connected to the wiper
(Rwx) output. Within each individual array, only one
switch may be turned on at any one time. These
switches are controlled by the Wiper Counter Register
(WCR) (See Figure 6). The WCR is a volatile register.
On power-up of the X9521, wiper position data is auto-
matically loaded into the WCR from its associated Non
Volatile Memory (NVM) Register. The Table below
shows the Initial Values of the DCP WCR’s before the
contents of the NVM is loaded into the WCR.
ACK
returned?
Issue Slave Address
Byte (Read or Write)
Byte load completed
by issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
High Voltage Cycle
complete. Continue
command sequence?
Issue STOP
NO
Continue normal
Read or Write
command sequence
PROCEED
YES
Figure 5.
Acknowledge Polling Sequence
DECODER
RESISTOR
ARRAY
RHx
FET
SWITCHES
RLx
RWx
0
1
2
N
WIPER
REGISTER
COUNTER
NON
MEMORY
VOLATILE
(WCR)
(NVM)
“WIPER”
Figure 6.
DCP Internal Structure
DCP
Initial Values Before Recall
R1 / 100 TAP
VL / TAP = 0
R2 / 256 TAP
VH / TAP = 255
X9521


Similar Part No. - X9521V20IZ-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9521V20IZ-A RENESAS-X9521V20IZ-A Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
More results

Similar Description - X9521V20IZ-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Maxim Integrated Produc...
MAX20047 MAXIM-MAX20047 Datasheet
898Kb / 29P
   Dual 3A USB DCP Charger
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com