Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9522 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9522
Description  Triple DCP, Dual Voltage Monitors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9522 Datasheet(HTML) 2 Page - Intersil Corporation

  X9522 Datasheet HTML 1Page - Intersil Corporation X9522 Datasheet HTML 2Page - Intersil Corporation X9522 Datasheet HTML 3Page - Intersil Corporation X9522 Datasheet HTML 4Page - Intersil Corporation X9522 Datasheet HTML 5Page - Intersil Corporation X9522 Datasheet HTML 6Page - Intersil Corporation X9522 Datasheet HTML 7Page - Intersil Corporation X9522 Datasheet HTML 8Page - Intersil Corporation X9522 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
FN8208.1
January 3, 2006
PIN CONFIGURATION
DETAILED DEVICE DESCRIPTION
The X9522 combines three Intersil Digitally Controlled
Potentiometer (DCP) devices, and two voltage monitors,
in one package. These functions are suited to the control,
support, and monitoring of various system parameters in
fiber optic modules. The combination of the X9522 func-
tionality lowers system cost, increases reliability, and
reduces board space requirements.
Two high resolution DCPs allow for the “set-and-forget”
adjustment of Laser Driver IC parameters such as Laser
Diode Bias and Modulation Currents. One lower resolu-
tion DCP may be used for setting sundry system param-
eters such as maximum laser output power (for eye
safety requirements).
The dual Voltage Monitor circuits continuously compare
their inputs to individual trip voltages. If an input voltage
exceeds it’s associated trip level, a hardware output
(V3RO, V2RO) are allowed to go HIGH. If the input volt-
age becomes lower than it’s associated trip level, the cor-
responding output is driven LOW. A corresponding
binary representation of the two monitor circuit outputs
(V2RO and V3RO) are also stored in latched, volatile
(CONSTAT) register bits. The status of these two moni-
tor outputs can be read out via the 2-wire serial port.
Intersil’s unique circuits allow for all internal trip volt-
ages to be individually programmed with high accu-
racy. This gives the designer great flexibility in
changing system parameters, either at the time of
manufacture, or in the field.
The device features a 2-Wire interface and software pro-
tocol allowing operation on an I2C™ compatible serial
bus.
Ordering Information
PART NUMBER
PART MARKING
PRESET (FACTORY SHIPPED) VTRIPx
THRESHOLD LEVELS (x = 2, 3)
TEMP RANGE (°C)
PACKAGE
X9522V20I-A
X9522VIA
Optimized for 3.3V system monitoring
-40 to +85
20 Ld TSSOP
X9522V20I-B
X9522VIB
Optimized for 5V system monitoring
-40 to +85
20 Ld TSSOP
X9522V20IZ-A (Note)
X9522VZIA
Optimized for 3.3V system monitoring
-40 to +85
20 Ld TSSOP (Pb-free)
X9522V20IZ-B (Note)
X9522VZIB
Optimized for 5V system monitoring
-40 to +85
20 Ld TSSOP (Pb-free)
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
V2
RL2
RH0
3
4
Vcc / V1
SCL
RW0
RL0
RW1
RH1
7
8
V3
VSS
10
RL1
RH2
1
18
19
17
20
14
15
13
16
12
11
NC
6
RW2
2
SDA
9
V3RO
5
WP
NC
V2RO
NOT TO SCALE
20 Pin TSSOP
X9522


Similar Part No. - X9522

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
   Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
logo
Intersil Corporation
X9522B20I-A INTERSIL-X9522B20I-A Datasheet
486Kb / 29P
   Laser Diode Control for Fiber Optic Modules
X9522B20I-B INTERSIL-X9522B20I-B Datasheet
486Kb / 29P
   Laser Diode Control for Fiber Optic Modules
X9522V20I-A INTERSIL-X9522V20I-A Datasheet
486Kb / 29P
   Laser Diode Control for Fiber Optic Modules
More results

Similar Description - X9522

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Renesas Technology Corp
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
logo
Intersil Corporation
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Intersil Corporation
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com