Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AYP Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9241AYP
Description  Quad Digital Controlled Potentionmeters (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AYP Datasheet(HTML) 1 Page - Intersil Corporation

  X9241AYP Datasheet HTML 1Page - Intersil Corporation X9241AYP Datasheet HTML 2Page - Intersil Corporation X9241AYP Datasheet HTML 3Page - Intersil Corporation X9241AYP Datasheet HTML 4Page - Intersil Corporation X9241AYP Datasheet HTML 5Page - Intersil Corporation X9241AYP Datasheet HTML 6Page - Intersil Corporation X9241AYP Datasheet HTML 7Page - Intersil Corporation X9241AYP Datasheet HTML 8Page - Intersil Corporation X9241AYP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
X9241A
Quad Digital Controlled Potentionmeters (XDCP™)
Non-Volatile/Low Power/2-Wire/64 Taps
The X9241A integrates four digitally controlled
potentiometers (XDCP) on a monolithic CMOS integrated
microcircuit.
The digitally controlled potentiometer is implemented using
63 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the 2-wire bus interface. Each
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and 4 nonvolatile Data Registers
(DR0:DR3) that can be directly written to and read by the
user. The contents of the WCR controls the position of the
wiper on the resistor array through the switches. Power up
recalls the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Four potentiometers in one package
• 2-wire serial interface
• Register oriented format
- Direct read/write/transfer of wiper positions
- Store as many as four positions per potentiometer
• Terminal Voltages: +5V, -3.0V
• Cascade resistor arrays
• Low power CMOS
• High Reliability
- Endurance–100,000 data changes per bit per register
- Register data retention–100 years
• 16-bytes of nonvolatile memory
• 3 resistor array values
-2k
Ω, 10kΩ, 50kΩ or combination
- Cascadable for values of 4k
Ω to 200kΩ
• Resolution: 64 taps each pot
• 20 Ld plastic DIP, 20 Ld TSSOP and 20 Ld SOIC
packages
• Pb-free plus anneal available (RoHS compliant)
Block Diagram
Data
8
R1
R0
R3
R2
VH0/RH0
VL0/RL0
VW0/RW0
Wiper
Counter
Register
(WCR)
VH1/RH1
VL1/RL1
VW1/RW1
Register
Array
Pot 1
Wiper
Counter
Register
(WCR)
R1
R0
R3
R2
SCL
SDA
A0
A1
A2
A3
Interface
and
Control
Circuitry
VH2/
VL2/RL2
VW2/RW2
VH3/RH3
VL3/RL3
VW3/RW3
Register
Array
Pot 2
Wiper
Counter
Register
(WCR)
R1
R0
R3
R2
Register
Array
Pot 3
Wiper
Counter
Register
(WCR)
R1
R0
R3
R2
VCC
VSS
RH2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8164.5
December 14, 2006


Similar Part No. - X9241AYP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241AYP XICOR-X9241AYP Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AYP INTERSIL-X9241AYP Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
logo
Xicor Inc.
X9241AYPI XICOR-X9241AYPI Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AYPI INTERSIL-X9241AYPI Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AYPIZ INTERSIL-X9241AYPIZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
More results

Similar Description - X9241AYP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A_07 Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com