Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5043M8IZ-2.7A Datasheet(PDF) 11 Page - Intersil Corporation

Part # X5043M8IZ-2.7A
Description  CPU Supervisor with 4K SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5043M8IZ-2.7A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X5043M8IZ-2.7A Datasheet HTML 7Page - Intersil Corporation X5043M8IZ-2.7A Datasheet HTML 8Page - Intersil Corporation X5043M8IZ-2.7A Datasheet HTML 9Page - Intersil Corporation X5043M8IZ-2.7A Datasheet HTML 10Page - Intersil Corporation X5043M8IZ-2.7A Datasheet HTML 11Page - Intersil Corporation X5043M8IZ-2.7A Datasheet HTML 12Page - Intersil Corporation X5043M8IZ-2.7A Datasheet HTML 13Page - Intersil Corporation X5043M8IZ-2.7A Datasheet HTML 14Page - Intersil Corporation X5043M8IZ-2.7A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN8126.2
March 16, 2006
Read Memory Array
When reading from the EEPROM memory array, CS is first
pulled low to select the device. The 8-bit READ instruction is
transmitted to the device, followed by the 8-bit address. Bit 3
of the READ instruction selects the upper or lower half of the
device. After the READ opcode and address are sent, the
data stored in the memory at the selected address is shifted
out on the SO line. The data stored in memory at the next
address can be read sequentially by continuing to provide
clock pulses. The address is automatically incremented to
the next higher address after each byte of data is shifted out.
When the highest address is reached, the address counter
rolls over to address 000h allowing the read cycle to be
continued indefinitely. The read operation is terminated by
taking CS high. Refer to the Read EEPROM Array
Sequence (Figure 8).
Write Memory Array
Prior to any attempt to write data into the memory array, the
“Write Enable” Latch (WEL) must be set by issuing the
WREN instruction (Figure 5). First pull CS LOW, then clock
the WREN instruction into the device and pull CS HIGH.
Then bring CS LOW again and enter the WRITE instruction
followed by the 8-bit address and then the data to be written.
Bit 3 of the WRITE instruction contains address bit A8, which
selects the upper or lower half of the array. If CS does not go
HIGH between WREN and WRITE, the WRITE instruction is
ignored.
The WRITE operation requires at least 16 clocks. CS must
go low and remain low for the duration of the operation. The
host may continue to write up to 16 bytes of data. The only
restriction is that the 16 bytes must reside within the same
page. A page address begins with address [x xxxx 0000] and
ends with [x xxxx 1111]. If the byte address reaches the last
byte on the page and the clock continues, the counter will roll
back to the first address of the page and overwrite any data
that has been previously written.
For the write operation (byte or page write) to be completed,
CS must be brought HIGH after bit 0 of the last complete
data byte to be written is clocked in. If it is brought HIGH at
any other time, the write operation will not be completed
(Figure 9).
While the write is in progress following a status register or
memory array write sequence, the Status Register may be
read to check the WIP bit. WIP is HIGH while the nonvolatile
write is in progress.
0
1
2
3
4
5
6
7
8
9
10
12 13 14 15
16 17
18 19 20 21 22
76
5
4
3
2
1
0
Data Out
CS
SCK
SI
SO
MSB
High Impedance
Instruction
8 Bit Address
76
5
3
2
1
0
8
9th Bit of Address
FIGURE 8. READ EEPROM ARRAY SEQUENCE
X5043, X5045


Similar Part No. - X5043M8IZ-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043M8IZ-2.7A INTERSIL-X5043M8IZ-2.7A Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
logo
Renesas Technology Corp
X5043M8IZ-2.7A RENESAS-X5043M8IZ-2.7A Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043M8IZ-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
   CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com