Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9420WS16IZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9420WS16IZ
Description  Single Digitally Controlled Potentiometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9420WS16IZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9420WS16IZ Datasheet HTML 4Page - Intersil Corporation X9420WS16IZ Datasheet HTML 5Page - Intersil Corporation X9420WS16IZ Datasheet HTML 6Page - Intersil Corporation X9420WS16IZ Datasheet HTML 7Page - Intersil Corporation X9420WS16IZ Datasheet HTML 8Page - Intersil Corporation X9420WS16IZ Datasheet HTML 9Page - Intersil Corporation X9420WS16IZ Datasheet HTML 10Page - Intersil Corporation X9420WS16IZ Datasheet HTML 11Page - Intersil Corporation X9420WS16IZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN8195.1
April 26, 2006
Table 3. Instruction Set
Instruction
Instruction Set
Operation
I3
I2
I1
I0 R1 R0
Read Wiper Counter
Register
1
0
0
1
0
0
0
0
Read the contents of the Wiper Counter Register
Write Wiper Counter
Register
1
0
1
0
0
0
0
0
Write new value to the Wiper Counter Register
Read Data Register
1
0
1
1
R1 R0
0
0
Read the contents of the Data Register pointed to by
R1 - R0
Write Data Register
1
1
0
0
R1 R0
0
0
Write new value to the Data Register pointed to by
R1 - R0
XFR Data Register to
Wiper Counter
Register
11
0
1
R1 R0
0
0
Transfer the contents of the Data Register pointed to
by R1 - R0 to the Wiper Counter Register
XFR Wiper Counter
Register to Data
Register
11
1
0
R1 R0
0
0
Transfer the contents of the Wiper Counter
Register to the Data Register pointed to by R1 - R0
Increment/Decrement
Wiper Counter
Register
0
0
1
0
0
0
0
0
Enable Increment/decrement of the Wiper Counter
Register
Read Status (WIP bit)
0
1
0
1
0
0
0
1
Read the status of the internal write cycle, by check-
ing the WIP bit.
X9420


Similar Part No. - X9420WS16IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9420WS16IZ RENESAS-X9420WS16IZ Datasheet
766Kb / 19P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9420WS16IZ-2.7 RENESAS-X9420WS16IZ-2.7 Datasheet
766Kb / 19P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9420WS16IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com