Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9410WS24I Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9410WS24I
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9410WS24I Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9410WS24I Datasheet HTML 2Page - Intersil Corporation X9410WS24I Datasheet HTML 3Page - Intersil Corporation X9410WS24I Datasheet HTML 4Page - Intersil Corporation X9410WS24I Datasheet HTML 5Page - Intersil Corporation X9410WS24I Datasheet HTML 6Page - Intersil Corporation X9410WS24I Datasheet HTML 7Page - Intersil Corporation X9410WS24I Datasheet HTML 8Page - Intersil Corporation X9410WS24I Datasheet HTML 9Page - Intersil Corporation X9410WS24I Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8193.2
October 12, 2006
Five instructions require a three-byte sequence to
complete. These instructions transfer data between the
host and the X9410; either between the host and one of
the data registers or directly between the host and the
Wiper Counter Register. These instructions are:
– Read Wiper Counter Register—read the current
wiper position of the selected pot,
– Write Wiper Counter Register—change current
wiper position of the selected pot,
– Read Data Register—read the contents of the
selected data register;
– Write Data Register—write a new value to the
selected data register.
– Read Status—This command returns the contents
of the WIP bit which indicates if the internal write
cycle is in progress.
The sequence of these operations is shown in Figure 5
and Figure 6.
The final command is Increment/Decrement. It is
different from the other commands because it’s length
is indeterminate. Once the command is issued, the
master can clock the selected wiper up and/or down in
one resistor segment steps, thereby providing a fine
tuning capability to the host. For each SCK clock pulse
(tHIGH) while SI is HIGH, the selected wiper will move
one resistor segment towards the VH/RH terminal.
Similarly, for each SCK clock pulse while SI is LOW,
the selected wiper will move one resistor segment
towards the VL/RL terminal. A detailed illustration of the
sequence and timing for this operation are shown in
Figure 7 and Figure 8.
Figure 4. Two-Byte Instruction Sequence
Figure 5. Three-Byte Instruction Sequence (Write)
Figure 6. Three-Byte Instruction Sequence (Read)
0101
00A1 A0
I3
I2
I1
I0
R1 R0
0 P0
SCK
SI
CS
0
1
0
1
A1 A0
I3
I2
I1 I0
R1 R0 0 P0
SCL
SI
0
0
D5 D4 D3 D2 D1 D0
CS
00
0
1
0
1
A1 A0
I3
I2
I1 I0
R1 R0 0
P0
SCL
SI
CS
00
S0
0
0
D5 D4 D3 D2 D1 D0
Don’t Care
X9410


Similar Part No. - X9410WS24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410WS24I XICOR-X9410WS24I Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410WS24I INTERSIL-X9410WS24I Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
logo
Renesas Technology Corp
X9410WS24I RENESAS-X9410WS24I Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Xicor Inc.
X9410WS24I-2.7 XICOR-X9410WS24I-2.7 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410WS24I-2.7 INTERSIL-X9410WS24I-2.7 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
More results

Similar Description - X9410WS24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com