Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313WP Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9313WP
Description  Digitally Controlled Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313WP Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9313WP Datasheet HTML 3Page - Intersil Corporation X9313WP Datasheet HTML 4Page - Intersil Corporation X9313WP Datasheet HTML 5Page - Intersil Corporation X9313WP Datasheet HTML 6Page - Intersil Corporation X9313WP Datasheet HTML 7Page - Intersil Corporation X9313WP Datasheet HTML 8Page - Intersil Corporation X9313WP Datasheet HTML 9Page - Intersil Corporation X9313WP Datasheet HTML 10Page - Intersil Corporation X9313WP Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN8177.5
April 18, 2007
Power-Up and Power-Down Requirements
The recommended power-up sequence is to apply VCC/VSS
first, then the potentiometer voltages. During power-up, the
data sheet parameters for the DCP do not fully apply until
1ms after VCC reaches its final value. The VCC ramp spec is
always in effect. In order to prevent unwanted tap position
changes, or an inadvertent store, bring the CS and INC high
before or concurrently with the VCC pin on power-up.
AC Operating Characteristics Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
TYP
(Note 4)
MAX
tCI
CS to INC setup
100
ns
tID
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
2.9
µs
tIL
INC LOW period
1
µs
tIH
INC HIGH period
1
µs
tIC
INC inactive to CS inactive
1
µs
tCPH
CS deselect time (STORE)
20
ms
tCPH
CS deselect time (NO STORE)
100
ns
tIW
INC to VW change
5
µs
tCYC
INC cycle time
2
µs
tR, tF (Note 5)
INC input rise and fall time
500
µs
tPU (Note 5)
Power-up to wiper stable
10
µs
tR VCC (Note 5)
VCC power-up rate
0.2
50
V/ms
tWR (Note 5)
Store cycle
10
ms
NOTES:
4. Typical values are for TA = +25°C and nominal supply voltage.
5. This parameter is not 100% tested.
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(SEE NOTE)
tIC
tCPH
tF
tR
10%
90%
90%
NOTE: MI IN THE AC TIMING DIAGRAM REFERS TO THE MINIMUM INCREMENTAL CHANGE IN THE VW OUTPUT DUE TO A CHANGE IN THE WIPER
POSITION.
FIGURE 4. AC TIMING DIAGRAM
X9313


Similar Part No. - X9313WP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9313WP XICOR-X9313WP Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9313WP INTERSIL-X9313WP Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313WP INTERSIL-X9313WP Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Xicor Inc.
X9313WP3 XICOR-X9313WP3 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9313WPI XICOR-X9313WPI Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
More results

Similar Description - X9313WP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com