Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9401WS24IZ-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9401WS24IZ-2.7
Description  Quad, 64 Tap, Digitally Controlled Potentiometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401WS24IZ-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9401WS24IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9401WS24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9401WS24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9401WS24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9401WS24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9401WS24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9401WS24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9401WS24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9401WS24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN8190.3
October 12, 2006
PIN CONFIGURATION
PIN NAMES
DEVICE DESCRIPTION
The X9401 is a highly integrated microcircuit incorpo-
rating four resistor arrays and their associated regis-
ters and counters and the serial interface logic
providing direct communication between the host and
the XDCP potentiometers.
Serial Interface
The X9401 supports the SPI interface hardware con-
ventions. The device is accessed via the SI input with
data clocked in on the rising SCK. CS must be LOW
and the HOLD and WP pins must be HIGH during the
entire operation.
The SO and SI pins can be connected together, since
they have three state outputs. This can help to reduce
system pin count.
Array Description
The X9401 is comprised of four resistor arrays. Each
array contains 63 discrete resistive segments that are
connected in series. The physical ends of each array
are equivalent to the fixed terminals of a mechanical
potentiometer (VH/RH and VL/RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(VW/RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The six bits of the WCR are decoded
to select, and enable, one of sixty-four switches.
Wiper Counter Register (WCR)
The X9401 contains four Wiper Counter Registers,
one for each XDCP potentiometer. The WCR is equiv-
alent to a serial-in, parallel-out register/counter with its
outputs decoded to select one of sixty-four switches
along its resistor array. The contents of the WCR can
be altered in four ways: it may be written directly by
the host via the Write Wiper Counter Register instruc-
tion (serial load); it may be written indirectly by trans-
ferring the contents of one of four associated data
registers via the XFR Data Register or Global XFR
Data Register instructions (parallel load); it can be
modified one step at a time by the Increment/Decre-
ment instruction. Finally, it is loaded with the contents
of its data register zero (R0) upon power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9401 is powered-
down. Although the register is automatically loaded
with the value in R0 upon power-up, this may be differ-
ent from the value present at power-down. The wiper
position must be stored in R0 to insure restoring the
wiper position after power-up.
Data Registers
Each potentiometer has four 6-bit nonvolatile data reg-
isters. These can be read or written directly by the
host. Data can also be transferred between any of the
four data registers and the associated Wiper Counter
Register. All operations changing data in one of the
data registers is a nonvolatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the data registers can
be used as memory locations for system parameters
or user preference data.
Symbol
Description
SCK
Serial Clock
SI, SO
Serial Data
A0 - A1
Device Address
VH0/RH0 - VH3/RH3,
VL0/RL0 - VL3/RL3
Potentiometers (terminal
equivalent)
VW0/RW0 - VW1/RW1
Potentiometers (wiper
equivalent)
WP
Hardware Write Protection
VCC
System Supply Voltage
VSS
System Ground
NC
No Connection
VCC
VL0/RL0
VH0/RH0
WP
SI
A1
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
NC
VL3/RL3
VH3/RH3
VW3/RW3
A0
SO
HOLD
SCK
VL2/RL2
VH2/RH2
SOIC
X9401
V
SS
VW0/RW0
14
13
11
12
CS
VL1/RL1
VH1/RH1
VW1/RW1
VW2/RW2
NC
X9401


Similar Part No. - X9401WS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401WS24IZ-2.7 INTERSIL-X9401WS24IZ-2.7 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9401WS24IZ-2.7 INTERSIL-X9401WS24IZ-2.7 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9401WS24IZ-2.7 INTERSIL-X9401WS24IZ-2.7 Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
logo
Renesas Technology Corp
X9401WS24IZ-2.7 RENESAS-X9401WS24IZ-2.7 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9401WS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
X9401 INTERSIL-X9401_09 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9252YV24IZ-2.7 INTERSIL-X9252YV24IZ-2.7 Datasheet
445Kb / 19P
   Quad Digitally-Controlled Potentiometer
July 24, 2014
logo
Renesas Technology Corp
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL22449 INTERSIL-ISL22449 Datasheet
356Kb / 12P
   Quad Digitally Controlled Potentiometer
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com