Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9251US24I-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9251US24I-2.7
Description  Quad Digitally-Controlled (XDCP?? Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251US24I-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9251US24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9251US24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9251US24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9251US24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9251US24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9251US24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9251US24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9251US24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9251US24I-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN8166.5
April 13, 2007
Serial Interface
The X9251 supports the SPI interface hardware conventions.
The device is accessed via the SI input with data clocked in,
on the rising SCK. CS must be LOW and the HOLD and WP
pins must be HIGH during the entire operation.
The SO and SI pins can be connected together, since they
have three state outputs. This can help to reduce system pin
count.
Identification Byte
The first byte sent to the X9251 from the host, following a CS
going HIGH to LOW, is called the Identification Byte. The
most significant four bits of the Identification Byte are a
Device Type Identifier, ID[3:0]. For the X9251, this is fixed as
0101 (refer to Table 3).
The least significant four bits of the Identification Byte are the
Slave Address bits, AD[3:0]. For the X9251, A3 is 0, A2 is 0,
A1 is the logic value at the input pin A1, and A0 is the logic
value at the input pin A0. Only the device which Slave
Address matches the incoming bits sent by the master
executes the instruction. The A1 and A0 inputs can be actively
driven by CMOS input signals or tied to VCC or VSS.
Instruction Byte
The next byte sent to the X9251 contains the instruction and
register pointer information. The four most significant bits are
used provide the instruction opcode (I[3:0]). The RB and RA
bits point to one of the four Data Registers of each associated
XDCP. The least two significant bits point to one of four Wiper
Counter Registers or DCPs.The format is shown below in
Table 4.
TABLE 3. IDENTIFICATION BYTE FORMAT
TABLE 4. INSTRUCTION BYTE FORMAT
TABLE 1. WIPER COUNTER REGISTER, WCR (8-bit), WCR[7:0]: USED TO STORE THE CURRENT WIPER POSITION (VOLATILE)
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
(MSB)
(LSB)
TABLE 2. DATA REGISTER, DR (8-bit), DR[7:0]: USED TO STORE WIPER POSITIONS OR DATA (NON-VOLATILE)
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
(MSB)
(LSB)
ID3
ID2
ID1
ID0
A3
A2
A1
A0
01
0100
Pin A1
Logic Value
Pin A0
Logic Value
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
RB
RA
P1
P0
(MSB)
(LSB)
Instruction
Register
DCP Selection
Opcode
Selection
(WCR Selection)
Data Register Selection
REGISTER
RB
RA
DR#0
0
0
DR#1
0
1
DR#2
1
0
DR#3
1
1
#: 0, 1, 2, or 3
X9251


Similar Part No. - X9251US24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9251US24I-2.7 XICOR-X9251US24I-2.7 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251US24I-2.7 INTERSIL-X9251US24I-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9251US24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com