Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9251TS24IZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9251TS24IZ
Description  Quad Digitally-Controlled (XDCP?? Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251TS24IZ Datasheet(HTML) 3 Page - Intersil Corporation

  X9251TS24IZ Datasheet HTML 1Page - Intersil Corporation X9251TS24IZ Datasheet HTML 2Page - Intersil Corporation X9251TS24IZ Datasheet HTML 3Page - Intersil Corporation X9251TS24IZ Datasheet HTML 4Page - Intersil Corporation X9251TS24IZ Datasheet HTML 5Page - Intersil Corporation X9251TS24IZ Datasheet HTML 6Page - Intersil Corporation X9251TS24IZ Datasheet HTML 7Page - Intersil Corporation X9251TS24IZ Datasheet HTML 8Page - Intersil Corporation X9251TS24IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN8166.5
April 13, 2007
Circuit Level Applications
• Vary the gain of a voltage amplifier
• Provide programmable dc reference voltages for
comparators and detectors
• Control the volume in audio circuits
• Trim out the offset voltage error in a voltage amplifier
circuit
• Set the output voltage of a voltage regulator
• Trim the resistance in Wheatstone bridge circuits
• Control the gain, characteristic frequency and
Q-factor in filter circuits
• Set the scale factor and zero point in sensor signal
conditioning circuits
• Vary the frequency and duty cycle of timer ICs
• Vary the dc biasing of a pin diode attenuator in RF circuits
• Provide a control variable (I, V, or R) in feedback
circuits
System Level Applications
• Adjust the contrast in LCD displays
• Control the power level of LED transmitters in
communication systems
• Set and regulate the DC biasing point in an RF power
amplifier in wireless systems
• Control the gain in audio and home entertainment systems
• Provide the variable DC bias for tuners in RF wireless
systems
• Set the operating points in temperature control
systems
• Control the operating point for sensors in industrial
systems
• Trim offset and gain errors in artificial intelligent
systems
Pinout
X9251
(24 LD SOIC/TSSOP)
TOP VIEW
Pin Assignments
PIN
(SOIC)
SYMBOL
FUNCTION
1
SO
Serial Data Output for SPI bus
2
A0
Device Address for SPI bus. (See Note 1)
3RW3
Wiper Terminal of DCP3
4RH3
High Terminal of DCP3
5RL3
Low Terminal of DCP3
7VCC
System Supply Voltage
8RL0
Low Terminal of DCP0
9RH0
High Terminal of DCP0
10
RW0
Wiper Terminal of DCP0
11
CS
SPI bus. Chip Select active low input
12
WP
Hardware Write Protect - active low
13
SI
Serial Data Input for SPI bus
14
A1
Device Address for SPI bus. (See Note 1)
15
RL1
Low Terminal of DCP1
16
RH1
High Terminal of DCP1
17
RW1
Wiper Terminal of DCP1
18
VSS
System Ground
20
RW2
Wiper Terminal of DCP2
21
RH2
High Terminal of DCP2
22
RL2
Low Terminal of DCP2
23
SCK
Serial Clock for SPI bus
24
HOLD
Device select. Pauses the SPI serial bus.
6, 19
NC
No Connect
NOTE:
1. A0 and A1 device address pins must be tied to a logic level.
SO
A0
RW3
NC
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
HOLD
SCK
RL2
RH2
RW2
NC
VSS
RW1
RH1
RL1
X9251
RH3
14
13
11
12
RL3
RH0
RW0
CS
A1
SI
WP
X9251


Similar Part No. - X9251TS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251TS24IZ INTERSIL-X9251TS24IZ Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TS24IZ-2.7 INTERSIL-X9251TS24IZ-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9251TS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com