Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9259TV24I Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9259TV24I
Description  Quad Digitally-Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259TV24I Datasheet(HTML) 4 Page - Intersil Corporation

  X9259TV24I Datasheet HTML 1Page - Intersil Corporation X9259TV24I Datasheet HTML 2Page - Intersil Corporation X9259TV24I Datasheet HTML 3Page - Intersil Corporation X9259TV24I Datasheet HTML 4Page - Intersil Corporation X9259TV24I Datasheet HTML 5Page - Intersil Corporation X9259TV24I Datasheet HTML 6Page - Intersil Corporation X9259TV24I Datasheet HTML 7Page - Intersil Corporation X9259TV24I Datasheet HTML 8Page - Intersil Corporation X9259TV24I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8169.5
April 13, 2007
Pin Descriptions
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin for a 2-
Wire slave device and is used to transfer data into and out of
the device. It receives device address, opcode, wiper
register address and data sent from a 2-Wire master at the
rising edge of the serial clock SCL, and it shifts out data after
each falling edge of the serial clock SCL.
It is an open drain output and may be wire-ORed with any
number of open drain or open collector outputs. An open
drain output requires the use of a pull-up resistor.
SERIAL CLOCK (SCL)
This input is used by 2-Wire master to supply 2-Wire serial
clock to the X9259.
DEVICE ADDRESS (A3 THROUGH A0)
The Address inputs are used to set the least significant 4 bits
of the 8-bit slave address. A match in the slave address
serial data stream must be made with the Address input in
order to initiate communication with the X9259. A maximum
of 16 devices may occupy the 2-Wire serial bus. Device pins
A3 through A0 must be tied to a logic level which specifies
the external address of the device, see Figures 3, 4, and 5.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer. Since there are
4 potentiometers, there are 4 sets of RH and RL such that
RH0 and RL0 are the terminals of DCP0 and so on.
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical potentiometer. Since there are 4 potentiometers,
there are 4 sets of RW such that RW0 is the terminal of
DCP0 and so on.
Bias Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The VCC pin is the system supply voltage. The VSS pin is
the system ground.
Other Pins
NO CONNECT
No connect pins should be left open. This pins are used for
Intersil manufacturing and testing purposes.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents non-volatile writes to the
Data Registers.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
DR#0
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCK
UP/DN
8
8
COUNTER
IF WCR = 00[H] then RW is closest to RL
IF WCR = FF[H] then RW is closest to RH
WIPER
(WCR#)
#: 0, 1, 2, or 3
One of Four Potentiometers
DR#2
DR#1
DR#3
- - -
DECODE
DCP
CORE
RW
RH
RL
FIGURE 1. DETAILED POTENTIOMETER BLOCK DIAGRAM
X9259


Similar Part No. - X9259TV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259TV24I INTERSIL-X9259TV24I Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TV24I-2.7 INTERSIL-X9259TV24I-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TV24IZ INTERSIL-X9259TV24IZ Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TV24IZ-2.7 INTERSIL-X9259TV24IZ-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
More results

Similar Description - X9259TV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com