Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS2515VS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBSS2515VS
Description  15 V low VCEsat NPN double transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS2515VS Datasheet(HTML) 5 Page - NXP Semiconductors

  PBSS2515VS Datasheet HTML 1Page - NXP Semiconductors PBSS2515VS Datasheet HTML 2Page - NXP Semiconductors PBSS2515VS Datasheet HTML 3Page - NXP Semiconductors PBSS2515VS Datasheet HTML 4Page - NXP Semiconductors PBSS2515VS Datasheet HTML 5Page - NXP Semiconductors PBSS2515VS Datasheet HTML 6Page - NXP Semiconductors PBSS2515VS Datasheet HTML 7Page - NXP Semiconductors PBSS2515VS Datasheet HTML 8Page - NXP Semiconductors PBSS2515VS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2001 Nov 07
5
Philips Semiconductors
Product specification
15 V low VCEsat NPN double transistor
PBSS2515VS
handbook, halfpage
0
400
600
200
MLD643
10−1
110
IC (mA)
hFE
102
103
(2)
(1)
(3)
Fig.2
DC current gain as a function of collector
current; typical values.
VCE =2V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
200
1200
400
600
800
1000
MLD645
1
10−1
IC (mA)
VBE
(mV)
10
102
103
(1)
(3)
(2)
Fig.3
Base-emitter voltage as a function of
collector current; typical values.
VCE =2V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
103
102
10
1
MLD647
10−1
110
IC (mA)
VCEsat
(mV)
102
103
(1)
(3)
(2)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
200
1200
400
600
800
1000
MLD646
1
10−1
IC (mA)
VBEsat
(mV)
10
102
103
(2)
(3)
(1)
Fig.5
Base-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.


Similar Part No. - PBSS2515VS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS2515VS NXP-PBSS2515VS Datasheet
149Kb / 9P
   15 V low VCE(sat) NPN double transistor
2004 Dec 23
logo
Nexperia B.V. All right...
PBSS2515VS NEXPERIA-PBSS2515VS Datasheet
201Kb / 9P
   15 V low VCEsat NPN double transistor
28 December 2022
More results

Similar Description - PBSS2515VS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS2515VS NEXPERIA-PBSS2515VS Datasheet
201Kb / 9P
   15 V low VCEsat NPN double transistor
28 December 2022
logo
NXP Semiconductors
PBSS2515F PHILIPS-PBSS2515F Datasheet
66Kb / 8P
   15 V low VCEsat NPN transistor
2001 Sep 21
logo
Nexperia B.V. All right...
PBSS3515VS NEXPERIA-PBSS3515VS Datasheet
201Kb / 9P
   15 V low VCEsat PNP double transistor
28 December 2022
logo
NXP Semiconductors
PBSS3515VS PHILIPS-PBSS3515VS Datasheet
68Kb / 12P
   15 V low VCEsat PNP double transistor
2001 Nov 07
logo
Nexperia B.V. All right...
PBSS2515YPN-Q NEXPERIA-PBSS2515YPN-Q Datasheet
243Kb / 11P
   15 V low VCEsat NPN/PNP transistor
17 February 2022
PBSS2515YPN NEXPERIA-PBSS2515YPN Datasheet
266Kb / 11P
   15 V low VCEsat NPN/PNP transistor
1 October 2022
logo
NXP Semiconductors
PBSS2515E NXP-PBSS2515E Datasheet
128Kb / 12P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02-21 April 2009
logo
Nexperia B.V. All right...
PBSS2515MB NEXPERIA-PBSS2515MB Datasheet
1Mb / 12P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
PBSS2515M NEXPERIA-PBSS2515M Datasheet
355Kb / 10P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
logo
NXP Semiconductors
PBSS2515M NXP-PBSS2515M Datasheet
151Kb / 9P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com