Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9251TS24Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9251TS24Z
Description  Quad Digitally-Controlled (XDCP?? Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251TS24Z Datasheet(HTML) 5 Page - Intersil Corporation

  X9251TS24Z Datasheet HTML 1Page - Intersil Corporation X9251TS24Z Datasheet HTML 2Page - Intersil Corporation X9251TS24Z Datasheet HTML 3Page - Intersil Corporation X9251TS24Z Datasheet HTML 4Page - Intersil Corporation X9251TS24Z Datasheet HTML 5Page - Intersil Corporation X9251TS24Z Datasheet HTML 6Page - Intersil Corporation X9251TS24Z Datasheet HTML 7Page - Intersil Corporation X9251TS24Z Datasheet HTML 8Page - Intersil Corporation X9251TS24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN8166.5
April 13, 2007
One of Four Potentiometers
Power Up and Down Recommendations
There are no restrictions on the power-up or power-down
conditions of VCC and the voltages applied to the
potentiometer pins provided that VCC is always more
positive than or equal to VH, VL, and VW (i.e., VCC ≥ VH, VL,
VW). The VCC ramp rate specification is always in effect.
Wiper Counter Register (WCR)
The X9251 contains four Wiper Counter Registers, one for
each potentiometer. The Wiper Counter Register can be
envisioned as a 8-bit parallel and serial load counter with its
outputs decoded to select one of 256 wiper positions along
its resistor array. The contents of the WCR can be altered in
four ways: it may be written directly by the host via the Write
Wiper Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of four
associated data registers via the XFR Data Register
instruction (parallel load); it can be modified one step at a
time by the Increment/Decrement instruction (See
Instruction section for more details). Finally, it is loaded with
the contents of its Data Register zero (DR#0) upon
power-up. (See Figure 1)
The wiper counter register is a volatile register; that is, its
contents are lost when the X9251 is powered-down.
Although the register is automatically loaded with the value
in DR#0 upon power-up, this may be different from the value
present at power-down. Power-up guidelines are
recommended to ensure proper loadings of the DR#0 value
into the WCR#.
Data Registers (DR)
Each of the four DCPs has four 8-bit non-volatile Data
Registers. These can be read or written directly by the host.
Data can also be transferred between any of the four Data
Registers and the associated Wiper Counter Register. All
operations changing data in one of the Data Registers is a
non-volatile operation and takes a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can be
used as regular memory locations for system parameters or
user preference data.
Bits [7:0] are used to store one of the 256 wiper positions or
data (0 ~ 255).
Status Register (SR)
This 1-bit Status Register is used to store the system status.
WIP: Write In Progress status bit, read only.
• When WIP = 1, indicates that high-voltage write cycle is in
progress.
• When WIP = 0, indicates that no high-voltage write cycle is
in progress.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
DR#0
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCK
UP/DN
8
8
COUNTER
IF WCR = 00[H] then RW is closet to RL
IF WCR = FF[H] then RW is closet to RH
WIPER
(WCR#)
#: 0, 1, 2, or 3
DR#2
DR#1
DR#3
- - -
DECODE
DCP
CORE
RW
RH
RL
FIGURE 1. DETAILED POTENTIOMETER BLOCK DIAGRAM
X9251


Similar Part No. - X9251TS24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251TS24Z INTERSIL-X9251TS24Z Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TS24Z-2.7 INTERSIL-X9251TS24Z-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9251TS24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com