Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9015US8I Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9015US8I
Description  Single Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015US8I Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9015US8I Datasheet HTML 3Page - Intersil Corporation X9015US8I Datasheet HTML 4Page - Intersil Corporation X9015US8I Datasheet HTML 5Page - Intersil Corporation X9015US8I Datasheet HTML 6Page - Intersil Corporation X9015US8I Datasheet HTML 7Page - Intersil Corporation X9015US8I Datasheet HTML 8Page - Intersil Corporation X9015US8I Datasheet HTML 9Page - Intersil Corporation X9015US8I Datasheet HTML 10Page - Intersil Corporation X9015US8I Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN8157.5
August 31, 2006
FIGURE 4. TYPICAL WIPER RESISTANCE
FIGURE 5. TYPICAL ABSOLUTE% ERROR PER TAP POSITION
FIGURE 6. TYPICAL RELATIVE% ERROR PER TAP POSITION
Performance Characteristics (Typical) (Continued)
0
0
100
200
300
400
500
600
700
800
2468
10
12
14
16
TAP
18
20
22
24
26
28
30
32
VCC = 2.7V
40.0%
30.0%
20.0%
10.0%
0.0%
-10.0%
-20.0%
-30.0%
-40.0%
03
69
12
15
Tap
18
21
24
27
30
20.0%
15.0%
10.0%
5.0%
0.0%
-5.0%
-10.0%
-15.0%
-20.0%
0
3
6
9
12
15
18
21
24
27
30
TAP
X9015


Similar Part No. - X9015US8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015US8I INTERSIL-X9015US8I Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015US8I-2.7 INTERSIL-X9015US8I-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015US8IZ INTERSIL-X9015US8IZ Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015US8IZ INTERSIL-X9015US8IZ Datasheet
306Kb / 12P
   Single Digitally Controlled
August 14, 2015
logo
Renesas Technology Corp
X9015US8IZ RENESAS-X9015US8IZ Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9015US8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com