Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9015US8Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9015US8Z
Description  Single Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015US8Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9015US8Z Datasheet HTML 2Page - Intersil Corporation X9015US8Z Datasheet HTML 3Page - Intersil Corporation X9015US8Z Datasheet HTML 4Page - Intersil Corporation X9015US8Z Datasheet HTML 5Page - Intersil Corporation X9015US8Z Datasheet HTML 6Page - Intersil Corporation X9015US8Z Datasheet HTML 7Page - Intersil Corporation X9015US8Z Datasheet HTML 8Page - Intersil Corporation X9015US8Z Datasheet HTML 9Page - Intersil Corporation X9015US8Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN8157.5
August 31, 2006
A.C. Timing
A.C. Operating Specifications Over recommended operating conditions unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP. (Note 6)
MAX.
UNIT
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
2.9
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC inactive to CS inactive
1
µs
tCPH
CS deselect time (NO STORE)
100
ns
tCPH
CS deselect time (STORE)
10
ms
tIW
INC to Vw change
1
5
µs
tCYC
INC cycle time
4
µs
tR, tF (Note 7) INC input rise and fall time
500
µs
tPU(Note 7)
Power up to wiper stable
5µs
tR VCC(Note 7) VCC power-up rate
0.2
50
V/ms
tWR
Store cycle
5
10
ms
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(8)
tIC
tCPH
tF
tR
10%
90%
90%
(store)
NOTES:
6. Typical values are for TA = +25°C and nominal supply voltage.
7. This parameter is periodically sampled and not 100% tested.
8. MI in the A.C. timing diagram refers to the minimum incremental change in the VW output due to a change in the wiper position.
X9015


Similar Part No. - X9015US8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015US8Z INTERSIL-X9015US8Z Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015US8Z INTERSIL-X9015US8Z Datasheet
306Kb / 12P
   Single Digitally Controlled
August 14, 2015
logo
Renesas Technology Corp
X9015US8Z RENESAS-X9015US8Z Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9015US8Z-2.7 INTERSIL-X9015US8Z-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015US8Z-2.7 INTERSIL-X9015US8Z-2.7 Datasheet
306Kb / 12P
   Single Digitally Controlled
August 14, 2015
More results

Similar Description - X9015US8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com