Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60003BIG3Z-41T1 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X60003BIG3Z-41T1
Description  Precision 4.096V SOT-23 FGA??Voltage References
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60003BIG3Z-41T1 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X60003BIG3Z-41T1 Datasheet HTML 3Page - Intersil Corporation X60003BIG3Z-41T1 Datasheet HTML 4Page - Intersil Corporation X60003BIG3Z-41T1 Datasheet HTML 5Page - Intersil Corporation X60003BIG3Z-41T1 Datasheet HTML 6Page - Intersil Corporation X60003BIG3Z-41T1 Datasheet HTML 7Page - Intersil Corporation X60003BIG3Z-41T1 Datasheet HTML 8Page - Intersil Corporation X60003BIG3Z-41T1 Datasheet HTML 9Page - Intersil Corporation X60003BIG3Z-41T1 Datasheet HTML 10Page - Intersil Corporation X60003BIG3Z-41T1 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8138.1
May 2, 2006
PACKAGING INFORMATION
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
0.10 R MIN.
12° REF.
0.575 REF.
0.093 (2.35) BSC
3-Lead Plastic, SOT-23, Package Code G3
.024 (0.60)
.016 (0.40)
NOTES:
1
2
0.055 (1.40)
0.047 (1.20)
0.046 (1.18) BSC
0.075 (1.90) BSC
4X
0.35 HA-B D
2X N/2 TIPS
0.35 CA-B D
CL
0.007 (0.20)
B
0.0003 (0.08)
B
TYP.
SEATING PLANE
0 - 8°C
0.20 in
0.10 R MIN.
0.120 (3.04)
0.110 (2.80)
0.038 (0.95)
BSC
Parting Line
Seating Plane
0.0004 (0.01)
0.0040 (0.10)
0.034 (0.88)
0.047 (1.02)
0.035 (0.89)
0.044 (1.12)
3. DIE AND DIE PADDLE IS FACING DOWN TOWARDS SEATING PLANE
4. THIS PART IS COMPLIANT WITH JEDEC SPECIFICATION TO-236AB
5. DIMENSIONING AND TOLERANCES PER ASME, Y14.5M-1994
X60003B-41, X60003C-41, X60003D-41


Similar Part No. - X60003BIG3Z-41T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003BIG3Z-41T1 INTERSIL-X60003BIG3Z-41T1 Datasheet
631Kb / 16P
   Precision SOT-23 FGA™ Voltage References
September 1, 2015
logo
Renesas Technology Corp
X60003BIG3Z-41T1 RENESAS-X60003BIG3Z-41T1 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
More results

Similar Description - X60003BIG3Z-41T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
X60003 INTERSIL-X60003 Datasheet
631Kb / 16P
   Precision SOT-23 FGA™ Voltage References
September 1, 2015
X60008E-41 INTERSIL-X60008E-41_06 Datasheet
311Kb / 10P
   Precision 4.096V FGA??Voltage
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com