Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60008C-50 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X60008C-50
Description  Precision 5.0V FGA??Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008C-50 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X60008C-50_06 Datasheet HTML 2Page - Intersil Corporation X60008C-50_06 Datasheet HTML 3Page - Intersil Corporation X60008C-50_06 Datasheet HTML 4Page - Intersil Corporation X60008C-50_06 Datasheet HTML 5Page - Intersil Corporation X60008C-50_06 Datasheet HTML 6Page - Intersil Corporation X60008C-50_06 Datasheet HTML 7Page - Intersil Corporation X60008C-50_06 Datasheet HTML 8Page - Intersil Corporation X60008C-50_06 Datasheet HTML 9Page - Intersil Corporation X60008C-50_06 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN8143.1
June 2, 2006
TYPICAL PERFORMANCE CHARACTERISTIC CURVES
(VIN = 6.5V, IOUT = 0mA, TA = 25°C unless otherwise specified)
50µA LOAD TRANSIENT RESPONSE
50µA LOAD TRANSIENT RESPONSE
50µA LOAD TRANSIENT RESPONSE
100µSEC/DIV
1mSEC/DIV
200µSEC/DIV
CL = .001µF
CL = .01µF
CL = .1µF
∆IIN = -50µA
∆IIN = +50µA
∆IIN = +50µA
∆IIN = -50µA
∆IIN = -50µA
∆IIN = +50µA
X60008C-50, X60008D-50


Similar Part No. - X60008C-50_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
More results

Similar Description - X60008C-50_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
X60008A-50 INTERSIL-X60008A-50 Datasheet
284Kb / 11P
   1ppm/C, 5.0V, Precision Low-Power FGA Voltage Reference
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com