Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60008C-50 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X60008C-50
Description  Precision 5.0V FGA??Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008C-50 Datasheet(HTML) 3 Page - Intersil Corporation

  X60008C-50_06 Datasheet HTML 1Page - Intersil Corporation X60008C-50_06 Datasheet HTML 2Page - Intersil Corporation X60008C-50_06 Datasheet HTML 3Page - Intersil Corporation X60008C-50_06 Datasheet HTML 4Page - Intersil Corporation X60008C-50_06 Datasheet HTML 5Page - Intersil Corporation X60008C-50_06 Datasheet HTML 6Page - Intersil Corporation X60008C-50_06 Datasheet HTML 7Page - Intersil Corporation X60008C-50_06 Datasheet HTML 8Page - Intersil Corporation X60008C-50_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN8143.1
June 2, 2006
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range............ -65°C to + 125°C
Voltage on any Pin
Referenced to Gnd.............................-0.5V to + 10V
Voltage on “DNC” pins.........No connections permitted
to these pins.
Lead Temperature (soldering, 10s) ................ + 225°C
RECOMMENDED OPERATING CONDITIONS
COMMENT
Absolute Maximum Ratings indicate limits beyond
which permanent damage to the device and impaired
reliability may occur. These are stress ratings provided
for information only and functional operation of the
device at these or any other conditions beyond those
indicated in the operational sections of this specifica-
tion are not implied.
For guaranteed specifications and test conditions, see
Electrical Characteristics.
The guaranteed specifications apply only for the test
conditions listed. Some performance characteristics
may degrade when the device is not operated under
the listed test conditions.
ELECTRICAL CHARACTERISTICS
(Operating Conditions: VIN = 6.5V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C unless otherwise specified.)
Notes: 1. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided
by the temperature range; in this case, -40°C to +85°C = 125°C.
2. Thermal Hysteresis is the change in VOUT created by package stress @ TA = 25°C after temperature cycling. VOUT is read initially at TA
= 25°C; the X60008 is then cycled between Hot (85°C) and Cold (-40°C) before a second VOUT measurement is taken at 25°C. The
deviation between the initial VOUT reading and the second VOUT reading is then expressed in ppm.
3. Dropout voltage (VDO) is the minimum voltage (VIN) into the X60008 which will produce the output voltage (∆VOUT) drop specified in the
Electrical Characteristics table.
4. Guaranteed by Device Characterization
Temperature
Min.
Max.
Industrial
-40°C
+85°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage
5.000
V
VOA
VOUT Accuracy
X60008CIS8-50
X60008DIS8-50
TA = 25°C
-0.50
-1.00
+0.50
+1.00
mV
IIN
Supply Current
500
800
nA
VIN
Input Voltage Range
5.1
9.0
V
TC VOUT
Output Voltage
Temperature Coefficient(1)
X60008CIS8-50
X60008DIS8-50
5
10
ppm/
°C
∆VOUT/∆VIN
Line Regulation
+5.5V
≤ VIN ≤ +8.0V
100
µV/V
∆V
OUT/∆I
OUT
Load Regulation
0mA
≤ ISOURCE ≤ 10mA
-10mA
≤ ISINK ≤ 0mA
15
25
50
100
µV/mA
∆V
OUT/∆t
Long Term Stability
TA = 25°C
10
ppm/
1000Hrs
∆V
OUT/∆TA
Thermal Hysteresis(2)
∆T = -40°C to +85°C
50
ppm
VDO
Dropout Voltage(3)
IOUT = 5mA, ∆VOUT = -0.01%
150
300
mV
ISC
Short Circuit Current(4)
TA = 25°C
50
80
mA
VN
Output Voltage Noise
0.1Hz to 10Hz
30
µV
pp
X60008C-50, X60008D-50


Similar Part No. - X60008C-50_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
More results

Similar Description - X60008C-50_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
X60008A-50 INTERSIL-X60008A-50 Datasheet
284Kb / 11P
   1ppm/C, 5.0V, Precision Low-Power FGA Voltage Reference
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com