Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60008BIS8-25 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X60008BIS8-25
Description  Precision 2.5V FGA??Voltage Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008BIS8-25 Datasheet(HTML) 4 Page - Intersil Corporation

  X60008BIS8-25 Datasheet HTML 1Page - Intersil Corporation X60008BIS8-25 Datasheet HTML 2Page - Intersil Corporation X60008BIS8-25 Datasheet HTML 3Page - Intersil Corporation X60008BIS8-25 Datasheet HTML 4Page - Intersil Corporation X60008BIS8-25 Datasheet HTML 5Page - Intersil Corporation X60008BIS8-25 Datasheet HTML 6Page - Intersil Corporation X60008BIS8-25 Datasheet HTML 7Page - Intersil Corporation X60008BIS8-25 Datasheet HTML 8Page - Intersil Corporation X60008BIS8-25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN8140.1
May 24, 2006
TYPICAL PERFORMANCE CHARACTERISTIC CURVES
(VIN = 5.0V, IOUT = 0mA, TA = 25°C unless otherwise specified)
LINE REGULATION
LINE REGULATION
LOAD REGULATION
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-20
-15
-10
-5
0
5
10
15
20
SINKING
TEMPERATURE (
°C)
SOURCING
IOUT (mA)
0.1Hz to 10Hz VOUT NOISE
1 Sec/div
Band Pass Filter with 1 zero at .1Hz and 2 poles at 10 Hz
VIN (V)
VIN (V)
+25
°C -40°C
+85
°C
2.498
2.499
2.5
2.501
2.502
-40
-15
10
35
60
85
320nA
520nA
690nA
VOUT vs TEMPERATURE
Normalized to 25
°C
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
10000
100000
1000000
No Load
1nF Load
10nF
Load
100nF Load
FREQUENCY (Hz)
PSRR vs CAP Load
4.5
5
5.5
6
6.5
-40
°C
+25
°C
+85
°C
4.5
5
5.5
6
6.5
310nA
520nA
690nA
-100
-80
-60
-40
-20
0
20
40
60
80
2.49994
2.49996
2.49998
2.5
2.50002
2.50004
2.50006
2.50008
X60008B-25


Similar Part No. - X60008BIS8-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008BIS8-41 INTERSIL-X60008BIS8-41 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008BIS8-50 INTERSIL-X60008BIS8-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008BIS8-50 INTERSIL-X60008BIS8-50 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
More results

Similar Description - X60008BIS8-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com