Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5168P-4.5A Datasheet(PDF) 5 Page - Intersil Corporation

Part # X5168P-4.5A
Description  CPU Supervisor with 16Kbit SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5168P-4.5A Datasheet(HTML) 5 Page - Intersil Corporation

  X5168P-4.5A Datasheet HTML 1Page - Intersil Corporation X5168P-4.5A Datasheet HTML 2Page - Intersil Corporation X5168P-4.5A Datasheet HTML 3Page - Intersil Corporation X5168P-4.5A Datasheet HTML 4Page - Intersil Corporation X5168P-4.5A Datasheet HTML 5Page - Intersil Corporation X5168P-4.5A Datasheet HTML 6Page - Intersil Corporation X5168P-4.5A Datasheet HTML 7Page - Intersil Corporation X5168P-4.5A Datasheet HTML 8Page - Intersil Corporation X5168P-4.5A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN8130.2
June 15, 2006
Principles of Operation
Power-on Reset
Application of power to the X5168, X5169 activates a power-
on reset circuit. This circuit goes active at about 1V and pulls
the RESET/RESET pin active. This signal prevents the
system microprocessor from starting to operate with
insufficient voltage or prior to stabilization of the oscillator.
When VCC exceeds the device VTRIP value for 200ms
(nominal) the circuit releases RESET/RESET, allowing the
processor to begin executing code.
Low Voltage Monitoring
During operation, the X5168, X5169 monitors the VCC level
and asserts RESET/RESET if supply voltage falls below a
preset minimum VTRIP. The RESET/RESET signal prevents
the microprocessor from operating in a power fail or
brownout condition. The RESET/RESET signal remains
active until the voltage drops below 1V. It also remains active
until VCC returns and exceeds VTRIP for 200ms.
VCC Threshold Reset Procedure
The X5168, X5169 has a standard VCC threshold (VTRIP)
voltage. This value will not change over normal operating
and storage conditions. However, in applications where the
standard VTRIP is not exactly right, or for higher precision in
the VTRIP value, the X5168, X5169 threshold may be
adjusted.
Setting the VTRIP Voltage
This procedure sets the VTRIP to a higher voltage value. For
example, if the current VTRIP is 4.4V and the new VTRIP is
4.6V, this procedure directly makes the change. If the new
setting is lower than the current setting, then it is necessary
to reset the trip point before setting the new value.
To set the new VTRIP voltage, apply the desired VTRIP
threshold to the VCC pin and tie the CS pin and the WP pin
HIGH. RESET/RESET and SO pins are left unconnected.
Then apply the programming voltage VP to both SCK and SI
and pulse CS LOW then HIGH. Remove VP and the
sequence is complete.
Resetting the VTRIP Voltage
This procedure sets the VTRIP to a “native” voltage level. For
example, if the current VTRIP is 4.4V and the VTRIP is reset,
the new VTRIP is something less than 1.7V. This procedure
must be used to set the voltage to a lower value.
To reset the VTRIP voltage, apply a voltage between 2.7 and
5.5V to the VCC pin. Tie the CS pin, the WP pin, and the SCK
pin HIGH. RESET/RESET and SO pins are left unconnected.
Then apply the programming voltage VP to the SI pin ONLY
and pulse CS LOW then HIGH. Remove VP and the
sequence is complete.
SCK
SI
VP
VP
CS
FIGURE 1. SET VTRIP VOLTAGE
SCK
SI
VCC
VP
CS
FIGURE 2. RESET VTRIP VOLTAGE
X5168, X5169


Similar Part No. - X5168P-4.5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5168P-4.5A RENESAS-X5168P-4.5A Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5168P-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5165S8IZ INTERSIL-X5165S8IZ Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163 Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com