Part Name
         Description
X60003B-50_06

 Precision 5.0V SOT-23 FGA™ Voltage Reference ( 14 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 2 page
background image
2
FN8137.1
May 2, 2006
PACKAGE DIAGRAM
PIN CONFIGURATIONS
Pin Name
Description
GND
Ground Connection
VIN
Power Supply Input Connection
VOUT
Voltage Reference Output Connection
1
2
3
SOT-23
VOUT
X60003x-50
GND
VIN
Ordering Information
PART NUMBER
PART
MARKING
VOUT (V)
GRADE
TEMP. RANGE (°C)
PACKAGE
(Tape and Reel)
X60003BIG3-50T1
AHA
5.00
±1.0mV, 10ppm/°C
-40 to +85
3 Ld SOT-23
X60003BIG3Z-50T1
APG
±1.0mV, 10ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
X60003CIG3-50T1
AHB
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
X60003CIG3Z-50T1
API
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
X60003DIG3-50T1
AHC
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
X60003DIG3Z-50T1
APK
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
X60003B-50, X60003C-50, X60003D-50



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM4128SOT-23 Precision Micropower Series Voltage Reference Coming SoonNational Semiconductor
REF102_0710V Precision Voltage Reference 1 2 3 4 5 MoreBurr-Brown Corporation
ISL21007Precision Low Noise FGA™ Voltage References 1 2 3 4 5 MoreIntersil Corporation
ISL21009Precision Low Noise FGA™ Voltage References 1 2 3 4 5 MoreIntersil Corporation
AMC431PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISL60002_06Precision Low Power FGA™ Voltage References 1 2 3 4 5 MoreIntersil Corporation
ZR285-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
ZR4040-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
REF02+5V Precision VOLTAGE REFERENCE 1 2 3 4 5 MoreBurr-Brown Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl