Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDN352AP Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDN352AP
Description  Single P-Channel, PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN352AP Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDN352AP Datasheet HTML 1Page - Fairchild Semiconductor FDN352AP Datasheet HTML 2Page - Fairchild Semiconductor FDN352AP Datasheet HTML 3Page - Fairchild Semiconductor FDN352AP Datasheet HTML 4Page - Fairchild Semiconductor FDN352AP Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.fairchildsemi.com
FDN352AP Rev. C1
Typical Characteristics
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
Q
g, GATE CHARGE (nC)
I
D = -0.9A
V
DS = -10V
-20V
-15V
0
50
100
150
200
05
10
15
20
25
30
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
C
iss
C
oss
C
rss
f = 1 MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-V
DS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
R
DS(ON) LIMIT
V
GS = -10V
SINGLE PULSE
R
JA = 270
oC/W
T
A = 25
oC
10ms
1ms
100
µs
0
10
20
30
40
50
0.0001
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
SINGLE PULSE
R
JA = 270°C/W
T
A = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
θ
θ
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
RθJA(t) = r(t) * RθJA
RθJA = 270
°C/W
TJ – TA = P * RθJA(t)
Duty Cycle, D = t 1 / t2
P(pk)
t1
t2


Similar Part No. - FDN352AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN352AP FAIRCHILD-FDN352AP Datasheet
118Kb / 5P
   Single P-Channel, PowerTrench
logo
Guangdong Kexin Industr...
FDN352AP KEXIN-FDN352AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Guangdong Youtai Semico...
FDN352AP UMW-FDN352AP Datasheet
448Kb / 5P
   P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
FDN352AP-3 KEXIN-FDN352AP-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
FDN352AP-HF KEXIN-FDN352AP-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Similar Description - FDN352AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMA6676PZ ONSEMI-FDMA6676PZ Datasheet
398Kb / 7P
   MOSFET ??Single, P-Channel, POWERTRENCH
April, 2021 ??Rev. 3
FDN360P ONSEMI-FDN360P Datasheet
259Kb / 7P
   Single P-Channel, PowerTrench MOSFET
November-2018, Rev. 7
logo
TECH PUBLIC Electronics...
FDN306P TECHPUBLIC-FDN306P Datasheet
1,001Kb / 3P
   Single P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDN352AP FAIRCHILD-FDN352AP Datasheet
118Kb / 5P
   Single P-Channel, PowerTrench
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com