Part Name
         Description
FDMC2610_07

 N-Channel UltraFET Trench® MOSFET 200V, 9.5A, 200mΩ ( 7 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
FDMC2610 Rev.C
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
200
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250μA, referenced to 25°C
199
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 160V,
1
μA
VGS = 0V
TJ = 125°C
100
IGSS
Gate to Source Leakage Current
VGS = ±20V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250μA
2
3.2
4
V
ΔVGS(th)
ΔTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250μA, referenced to 25°C
-9.9
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 2.2A
175
200
m
Ω
VGS = 6V, ID = 1.5A
188
215
VGS = 10V, ID = 2.2A , TJ = 125°C
347
397
gFS
Forward Transconductance
VDS = 5V, ID = 2.2A
7
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 100V, VGS = 0V,
f = 1MHz
720
960
pF
Coss
Output Capacitance
41
55
pF
Crss
Reverse Transfer Capacitance
12
20
pF
Rg
Gate Resistance
f = 1MHz
0.7
Ω
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 100V, ID = 2.2A
VGS = 10V, RGEN = 24Ω
17
31
ns
tr
Rise Time
13
24
ns
td(off)
Turn-Off Delay Time
29
47
ns
tf
Fall Time
16
29
ns
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V VDD = 100V
ID = 2.2A
12.3
18
nC
Qgs
Gate to Source Gate Charge
3
nC
Qgd
Gate to Drain “Miller” Charge
3.6
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = 2.2A
(Note 2)
0.8
1.2
V
trr
Reverse Recovery Time
IF = 2.2A, di/dt = 100A/μs
69
104
ns
Qrr
Reverse Recovery Charge
114
171
nC
Notes:
1: RθJA is determined with the device mounted on a 1in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2: Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
a. 60°C/W when mounted on
a 1 in2 pad of 2 oz copper
b. 135°C/W when mounted on a
minimum pad of 2 oz copper



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FDMS2672N-Channel UltraFET Trench MOSFET 200V 20A 77mohm 1 2 3 4 5 MoreFairchild Semiconductor
2N67842.25A 200V 1.500 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FDB2614200V N-Channel PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STW34NB20_04N-CHANNEL 200V - 0.062 OHM - 34A TO-247 PowerMESH MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FDMS2734N-Channel UltraFET Trench MOSFET 250V 14A 122mohm 1 2 3 4 5 MoreFairchild Semiconductor
FDP39N20_07200V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FDMS3672N-Channel UltraFET Trench MOSFET 100V 22A 23mohm 1 2 3 4 5 MoreFairchild Semiconductor
FDMS5672N-Channel UltraFET Trench MOSFET 60V 22A 11.5mohm 1 2 3 4 5 MoreFairchild Semiconductor
2SK3613-01N-CHANNEL SILICON POWER MOSFET 1 2 3 4 Fuji Electric
STB11NM60FDN-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET with fast diode 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl