Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6212A51AD Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6212A51AD
Description  High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6212A51AD Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6212A51AD Datasheet HTML 1Page - Torex Semiconductor XC6212A51AD Datasheet HTML 2Page - Torex Semiconductor XC6212A51AD Datasheet HTML 3Page - Torex Semiconductor XC6212A51AD Datasheet HTML 4Page - Torex Semiconductor XC6212A51AD Datasheet HTML 5Page - Torex Semiconductor XC6212A51AD Datasheet HTML 6Page - Torex Semiconductor XC6212A51AD Datasheet HTML 7Page - Torex Semiconductor XC6212A51AD Datasheet HTML 8Page - Torex Semiconductor XC6212A51AD Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/25
XC6209/6212
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A/E
: High Active (pull-down resistor built-in, semi-custom)
B/F
: High Active (no pull-down resistor built-in, standard)
C/G
: Low Active (pull-up resistor built-in, semi-custom)
(*1)
Type of Regulator
CE Pin Logic
D/H
: Low Active (no pull-up resistor built-in, standard)
Output Voltage
09~60
: e.g. 20:2.0V,
30:3.0V,
2
: 100mV increments, ±2% accuracy (*2)
e.g. ②=2, ③=8, ④=2 → 2.80V, ±2%
1
: 100mV increments, ±1% accuracy (*2)
e.g. ②=2, ③=8, ④=1 → 2.80V, ±1%
A
: 50mV increments, ±2% accuracy (*2)
e.g. ②=2, ③=8, ④=A → 2.85V, ±2%
Output Voltage
Accuracy
B
: 50mV increments, ±1% accuracy (*2)
e.g. ②=2, ③=8, ④=B → 2.85V, ±1%
M
: SOT-25 (SOT-23-5)
P
: SOT-89-5 (for XC6209 series only)
Packages
D
: USP-6B (for XC6209 series only)
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PRODUCT CLASSIFICATION
Selection Guide
The following options for the CE pin logic and internal pull-up/down are available:
High Active + no pull-down resistor built-in (standard)
High Active+ 2MΩ pull-down resistor built-in <between CE-VSS> (semi-custom)
Low Active + no pull-up resistor built-in (semi-custom)
Low Active + 2MΩ pull-up resistor built-in <between VIN-CE> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by
VIN / 2MΩ (TYP.).
Ordering Information
(*1) Maximum output current of E to H series depend on the setting voltage.
(*2) Within ±30mV (VOUT ≦ 1.5V)
XC6209/12①②③④⑤⑥


Similar Part No. - XC6212A51AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212A302ML TOREX-XC6212A302ML Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6212A302MR TOREX-XC6212A302MR Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6212A30AML TOREX-XC6212A30AML Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6212A30AMR TOREX-XC6212A30AMR Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6212A51AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com