Electronic Components Datasheet Search |
|
XC6210A33AD Datasheet(PDF) 7 Page - Torex Semiconductor |
|
XC6210A33AD Datasheet(HTML) 7 Page - Torex Semiconductor |
7 / 21 page 7/21 XC6210 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT VIN=VOUT(T)+1.0V, IOUT=30mA VCE=ON (VIN or VSS) x 0.98 VOUT(T) x 1.02 Output Voltage (*2), (*3) VOUT(E) VOUT(T)<1.5V, IOUT=30mA VCE=ON (VIN or VSS) (-30mV) VOUT(T) (+30mV) V ① Maximum Output Current [VOUT(E)>1.6V] IOUTMAX VIN=VOUT(T)+1.0V, VCE=ON (VIN or VSS) 700 - - Maximum Output Current [VOUT(E)<1.5V] IOUTMAX VIN=VOUT(T)+1.0V, VCE=ON (VIN or VSS) 500 - - mA ① Load Regulation △ VOUT 1mA<IOUT<100mA, VCE=ON(VIN or VSS) - 15 60 mV ① Vdif1 IROUT=30mA, VCE=ON (VIN or VSS)E-1 Dropout Voltage (*4) Vdif2 IROUT=100mA, VCE=ON (VIN or VSS) E-2 mV ① Supply Current (A type) VIN=VCE=VOUT(T)+1.0V E-3 Supply Current (B type) VIN=VCE=VOUT(T)+1.0V - 35 55 Supply Current (C type) VIN=VOUT(T)+1.0V, VCE=VSS E-3 Supply Current (D type) IDD VIN=VOUT(T)+1.0V, VCE=VSS - 35 55 μ A ② Line Regulation △ VOUT △Topr・ VOUT VOUT(T)+1.0V≦VIN≦6.0V When VOUT(T)≧4.5V, 5.5V≦VIN≦6.0V VCE=ON (VIN or VSS), IOUT=30mA - 0.01 0.20 % / V ① Input Voltage VIN - 1.5 - 6.0 V - Output Voltage Temperature Characteristics △ VOUT △ Topr・△VOUT IOUT=30mA, VCE=ON (VIN or VSS) -40℃≦Topr≦85℃ - ± 100 - ppm/ ℃ ① Ripple Rejection Rate PSRR VIN=[VOUT(T)+1.0]VDC+0.5Vp-pAC When VOUT(T)>4.75V → VIN=5.75VDC+0.5Vp-pAC VCE=ON (VIN or VSS), IOUT=30mA, f=1kHz - 60 - dB ③ Current Limiter [VOUT(E)>1.6V] Ilim VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS) 700 800 - Current Limiter [VOUT(E)<1.5V] Ilim VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS) - 800 - mA ① Short-Circuit Current Ishort VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS) - 50 - mA ① CE “High” Level Voltage VCEH - 1.3 - 6.0 CE “Low” Level Voltage VCEL - - - 0.25 V ① CE “High” Level Current (A type) E-4 - E-4 CE “High” Level Current (B / C / D type) ICEH VIN=VCE=VOUT(T)+1.0V - 0.10 - 0.10 μ A ① CE “Low” Level Current (C type) E-5 - E-5 CE “Low” Level Current (A / B / D type) ICEL VIN=VOUT(T)+1.0V, VCE=VSS - 0.10 - 0.10 μ A ① Ta=25℃ ■ ELECTRICAL CHARACTERISTICS ● XC6210 series NOTE: *1: Unless otherwise stated, VIN=VOUT(T)+1.0V *2: VOUT(T)=Specified output voltage *3: VOUT(E)=Effective output voltage (i.e. the output voltage when " VOUT(T)+1.0V" is provided while maintaining a certain IOUT value). *4: Vdif ={VIN1 (*6)-VOUT1(*5) } *5: A voltage equal to 98% of the output voltage whenever a stabilized VOUT1=IOUT{VOUT(T)+1.0V} is input. *6: VIN1= the input voltage when VOUT1, which appears as input voltage is gradually decreased. *7: VOUT(T)<1.50V MIN. : VOUT(T) - 30mV, MAX. : VOUT(T) +30mV *8: CE conditions: XC6210A / B type: ON=VIN, OFF=VSS XC6210C / D type: ON=VSS, OFF=VIN |
Similar Part No. - XC6210A33AD |
|
Similar Description - XC6210A33AD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |