Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3439 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3439
Description  NPN LOW POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3439 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3439 Datasheet HTML 1Page - Microsemi Corporation 2N3439 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3439, L, 2N3440, L, JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS (con’t)
Collector-Emitter Cutoff Current
VCE = 450 Vdc, VBE = -1.5 Vdc
2N3439
VCE = 300 Vdc, VBE = -1.5 Vdc
2N3440
ICEX
5.0
5.0
µAdc
µAdc
Collector-Base Cutoff Current
VCB = 360 Vdc
2N3439
VCB = 250 Vdc
2N3440
VCB = 450 Vdc
2N3439
VCB = 300 Vdc
2N3440
ICBO
2.0
2.0
5.0
5.0
µAdc
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 20 mAdc, VCE = 10 Vdc
IC = 2.0 mAdc, VCE = 10 Vdc
IC = 0.2 mAdc, VCE = 10 Vdc
hFE
40
30
10
160
Collector-Emitter Saturation Voltage
IC = 50 mAdc, IB = 4.0 mAdc
VCE(sat)
0.5
Vdc
Base-Emitter Saturation Voltage
IC = 50 mAdc, IB = 4.0 mAdc
VBE(sat)
1.3
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 10 mAdc, VCE = 10 Vdc, f = 5.0 MHz
h
fe
3.0
15
Forward Current Transfer Ratio
IC = 5.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz
hfe
25
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
10
pF
Input Capacitance
VEB = 5.0 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
75
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 200 Vdc; IC = 20 mAdc, IB1= 2.0 mAdc
ton
1.0
µs
Turn-Off Time
VCC = 200 Vdc; IC = 20 mAdc, IB1 = -IB2 = 2.0 mAdc
toff
10
µs
SAFE OPERATING AREA
DC Tests
TC = 25
0C, 1 cycle, t = 1.0 s
Test 1
VCE = 5.0 Vdc, IC = 1.0 Adc
Both Types
Test 2
VCE = 350 Vdc, IC = 14 mAdc
2N3439
Test 3
VCE = 250 Vdc, IC = 20 mAdc
2N3440
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - 2N3439

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3439 STMICROELECTRONICS-2N3439 Datasheet
66Kb / 4P
   SILICON NPN TRANSISTORS
June 1997
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
   NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
207Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
logo
Boca Semiconductor Corp...
2N3439 BOCA-2N3439 Datasheet
262Kb / 6P
   HIGH VOLTAGE AMPLIFIERS
More results

Similar Description - 2N3439

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
   NPN SILICON LOW POWER TRANSISTOR
logo
Microsemi Corporation
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
   NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com