Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50F2D152J Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 50F2D152J
Description  POLYESTER FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50F2D152J Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  50F2D152J Datasheet HTML 1Page - RUBYCON CORPORATION 50F2D152J Datasheet HTML 2Page - RUBYCON CORPORATION 50F2D152J Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATED VOLTAGE:50VDC
DIMENSIONS AND QUANTITY
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
50F2D471
**
50F2D561
**
50F2D681
**
50F2D821
**
50F2D102
**
50F2D122
**
50F2D152
**
50F2D182
**
50F2D222
**
50F2D272
**
50F2D332
**
50F2D392
**
50F2D472
**
50F2D562
**
50F2D682
**
50F2D822
**
50F2D103
**
50F2D123
**
50F2D153
**
50F2D183
**
50F2D223
**
50F2D273
**
50F2D333
**
50F2D393
**
50F2D473
**
50F2D563
**
50F2D683
**
50F2D823
**
50F2D104
**
50F2D124
**
50F2D154
**
50F2D184
**
50F2D224
**
50F2D274
**
50F2D334
**
50F2D394
**
50F2D474
**
AB
CF
0.5
d
Bag
Carton
AB, D
C
E
5.5
5.5
5.5
5.5
5.0
5.0
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
6.0
6.0
6.0
6.5
6.5
6.5
7.5
7.5
7.5
8.0
8.0
8.5
8.5
9.0
10.0
10.5
11.0
11.5
12.5
13.0
3.0
3.0
3.0
3.0
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.5
3.5
3.5
4.0
4.0
4.5
4.5
5.5
5.5
6.0
6.5
7.0
6.5
7.0
7.5
8.5
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
8.5
8.5
9.0
9.0
9.0
9.0
9.5
10.0
10.0
10.5
10.5
11.5
11.5
11.5
12.0
14.0
14.0
14.5
14.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
7.5
7.5
7.5
7.5
7.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
8,000
8,000
8,000
8,000
8,000
5,000
5,000
5,000
4,000
4,000
4,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,500
1,000
1,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,500
2,500
2,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
500
500
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
Long Lead type
Taping Ammo pack type - style
RATED VOLTAGE:100VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
100F2D471
**
100F2D561
**
100F2D681
**
100F2D821
**
100F2D102
**
100F2D122
**
100F2D152
**
100F2D182
**
100F2D222
**
100F2D272
**
100F2D332
**
100F2D392
**
100F2D472
**
100F2D562
**
100F2D682
**
100F2D822
**
100F2D103
**
100F2D123
**
100F2D153
**
100F2D183
**
100F2D223
**
100F2D273
**
100F2D333
**
100F2D393
**
100F2D473
**
100F2D563
**
100F2D683
**
100F2D823
**
100F2D104
**
100F2D124
**
100F2D154
**
100F2D184
**
100F2D224
**
AB
CF
LS
0.5
d
Bag
Carton
AB, D
C
E
5.5
5.5
5.5
5.5
5.0
5.0
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
6.5
6.5
6.5
7.0
7.0
8.0
8.0
8.0
8.0
8.0
9.0
9.0
9.0
9.5
10.0
10.5
11.5
12.0
13.0
3.0
3.0
3.0
3.0
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.5
3.5
3.5
4.0
4.0
4.0
4.5
4.5
5.5
5.5
6.0
6.0
6.0
7.0
7.0
8.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
9.5
9.5
9.5
10.0
10.0
10.0
12.0
12.0
12.0
12.0
13.0
13.0
13.0
13.0
13.0
15.0
15.0
15.0
15.0
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
1.0
7.5
1.5
7.5
1.5
7.5
1.5
7.5
1.5
7.5
1.5
7.5
1.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
8,000
8,000
5,000
5,000
5,000
4,000
4,000
4,000
4,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
1,000
1,000
1,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
S
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,500
2,500
2,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
1,000
S
TV
TF
TS
TV
TF
TS
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
Long Lead type
Taping Ammo pack type - style
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
: Tolerance (J:
5%, K:
10%)
** : Suffix
: Tolerance (J:
5%, K:
10%)
** : Suffix
cap (
µF)
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
LS 0.5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
+
-
+
-
cap (
µF)
POLYESTER FILM CAPACITORS
F2D


Similar Part No. - 50F2D152J

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50F-001 JFW-50F-001 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
50F-001 JFW-50F-001 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
50F-002 JFW-50F-002 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
50F-002 JFW-50F-002 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
50F-003 JFW-50F-003 Datasheet
26Kb / 1P
   FIXED ATTENUATOR KIT
More results

Similar Description - 50F2D152J

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
   Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEN MERITEK-PEN Datasheet
106Kb / 1P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com