Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6670A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDD6670A
Description  30V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6670A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD6670A Datasheet HTML 1Page - Fairchild Semiconductor FDD6670A Datasheet HTML 2Page - Fairchild Semiconductor FDD6670A Datasheet HTML 3Page - Fairchild Semiconductor FDD6670A Datasheet HTML 4Page - Fairchild Semiconductor FDD6670A Datasheet HTML 5Page - Fairchild Semiconductor FDD6670A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDD6670A Rev. E1(W)
Typical Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
30
35
Qg, GATE CHARGE (nC)
ID = 66A
VDS = 10V
15V
20V
0
400
800
1200
1600
2000
2400
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance Characteristics
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 96
o C/W
TA = 25
oC
10ms
1ms
100µs
10s
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
SINGLE PULSE
RθJA = 96°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area
Figure 10. Single Pulse Maximum
Power Dissipation
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 96 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.0
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDD6670A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6670A FAIRCHILD-FDD6670A Datasheet
195Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD6670A ISC-FDD6670A Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD6670A UMW-FDD6670A Datasheet
458Kb / 6P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD6670AL ISC-FDD6670AL Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6670A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com