Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6209A50AD Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6209A50AD
Description  High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209A50AD Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6209A50AD Datasheet HTML 5Page - Torex Semiconductor XC6209A50AD Datasheet HTML 6Page - Torex Semiconductor XC6209A50AD Datasheet HTML 7Page - Torex Semiconductor XC6209A50AD Datasheet HTML 8Page - Torex Semiconductor XC6209A50AD Datasheet HTML 9Page - Torex Semiconductor XC6209A50AD Datasheet HTML 10Page - Torex Semiconductor XC6209A50AD Datasheet HTML 11Page - Torex Semiconductor XC6209A50AD Datasheet HTML 12Page - Torex Semiconductor XC6209A50AD Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/25
XC6209/6212
Series
SYMBOL
E-0
SYMBOL
E-0
OUTPUT VOLTAGE (V)
(1%)
OUTPUT VOLTAGE (V)
(1%)
VOUT
VOUT
VOUT(T)
MIN
MAX
VOUT(T)
MIN
MAX
3.00
2.970
3.030
4.55
4.505
4.596
3.05
3.020
3.081
4.60
4.554
4.646
3.10
3.069
3.131
4.65
4.604
4.697
3.15
3.119
3.182
4.70
4.653
4.747
3.20
3.168
3.232
4.75
4.703
4.798
3.25
3.218
3.283
4.80
4.752
4.848
3.30
3.267
3.333
4.85
4.802
4.899
3.35
3.317
3.384
4.90
4.851
4.949
3.40
3.366
3.434
4.95
4.901
5.000
3.45
3.416
3.485
5.00
4.950
5.050
3.50
3.465
3.535
5.05
4.000
5.101
3.55
3.515
3.586
5.10
4.049
5.151
3.60
3.564
3.636
5.15
4.099
5.202
3.65
3.614
3.687
5.20
4.148
5.252
3.70
3.663
3.737
5.25
5.198
5.303
3.75
3.713
3.788
5.30
5.247
5.353
3.80
3.762
3.838
5.35
5.297
5.404
3.85
3.812
3.889
5.40
5.346
5.454
3.90
3.861
3.939
5.45
5.396
5.505
3.95
3.911
3.990
5.50
5.445
5.555
4.00
3.960
4.040
5.55
5.495
5.606
4.05
4.010
4.091
5.60
5.544
5.656
4.10
4.059
4.141
5.65
5.594
5.707
4.15
4.109
4.192
5.70
5.643
5.757
4.20
4.158
4.242
5.75
5.963
5.808
4.25
4.208
4.293
5.80
5.742
5.858
4.30
4.257
4.343
5.85
5.792
5.909
4.35
4.307
4.394
5.90
5.841
5.959
4.40
4.356
4.444
5.95
5.891
6.010
4.45
4.405
4.494
6.00
5.940
6.060
4.50
4.455
4.545
SYMBOL
E-4
E-3
.
INPUT VOLTAGE (V)
MAXIMUM OUTPUT CURRENT (mA)
SETTING OUTPUT VOLTAGE (V)
VIN
MIN
0.90 ~ 0.95
2.5
260
1.00 ~ 1.05
2.5
260
1.10 ~ 1.15
2.6
270
1.20 ~ 1.25
2.7
290
1.30 ~ 1.35
2.8
1.40 ~ 1.45
2.9
1.50 ~ 1.95
3.0
2.00 ~ 6.00
VOUT(T) + 1.0
300
* VOUT(T): Setting output voltage value
Output Voltage
Voltage Accuracy 1% products
* Common values for A to H series, but available only for VOUT≧2.9V products
PARAMETER
SETTING
OUTPUT VOLTAGE
PARAMETER
SETTING
OUTPUT VOLTAGE
Conditions
CONDITIONS, SPEC
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6209A50AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209A122DL TOREX-XC6209A122DL Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209A122DR TOREX-XC6209A122DR Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209A122ML TOREX-XC6209A122ML Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209A122MR TOREX-XC6209A122MR Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209A122PL TOREX-XC6209A122PL Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results

Similar Description - XC6209A50AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com