Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6109C5 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6109C5
Description  Voltage Detector with External Delay Type Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109C5 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6109C5 Datasheet HTML 1Page - Torex Semiconductor XC6109C5 Datasheet HTML 2Page - Torex Semiconductor XC6109C5 Datasheet HTML 3Page - Torex Semiconductor XC6109C5 Datasheet HTML 4Page - Torex Semiconductor XC6109C5 Datasheet HTML 5Page - Torex Semiconductor XC6109C5 Datasheet HTML 6Page - Torex Semiconductor XC6109C5 Datasheet HTML 7Page - Torex Semiconductor XC6109C5 Datasheet HTML 8Page - Torex Semiconductor XC6109C5 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
XC6109
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Operating Voltage
VIN
VDF(T)=0.8~5.0V (*1)
0.7
-
6.0
V
-
Detect Voltage
VDF
VDF(T)=0.8~5.0V
E-1
V
1
Hysteresis Range 1
VHYS1
VIN=1.0~6.0V
VDF
x 0.02
VDF
x 0.05
VDF
x 0.08
V
1
VDF(T)=0.8~1.9V
-
0.80
1.70
VDF(T)=2.0~3.9V
-
0.90
1.90
Supply Current 1
ISS1
VIN=VDF x 0.9
VDF(T)=4.0~5.0V
-
1.00
2.00
µA
2
VDF(T)=0.8~1.9V
-
0.90
1.80
VDF(T)=2.0~3.9V
-
1.10
2.00
Supply Current 2
ISS2
VIN=VDF x 1.1
VDF(T)=4.0~5.0V
-
1.20
2.20
µA
2
IOUT1
VIN=VDFx0.9
VDS=0.5V (N-ch)
E-2
mA
3
Output Current
IOUT2
(*2)
VIN=VDFx1.1
VDS=0.5V (P-ch)
E-3
mA
3
VDF
Temperature
Characteristics
Ta・VDF
-40 O
C<Ta<85 OC
-
±
100
-
ppm/
O
C
1
Delay Resistance (*3)
Rdelay
VIN=6.0V, VCD=0V
1.6
2.0
2.4
M
4
Delay Pin Sink Current
ICD
VDS=0.5V, VIN=0.7V
8
60
-
µA
4
VIN=1.0V
0.4
0.5
0.6
Delay Capacitance Pin
Threshold Voltage
VTCD
VIN=6.0V
2.9
3.0
3.1
V
5
Unspecified Operating
Voltage (*4)
VUNS
VIN=0~0.7V
-
0.3
0.4
V
6
Detect Delay Time (*5)
TDF0
VIN=6.0 down to 0.7V
Cd: Open
-
30
230
µs
7
Release Delay Time
(*6)
TDR0
VIN=0.7~6.0V
Cd: Open
-
30
200
µs
7
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS - 0.3 ~ 7.0
V
Output Current
IOUT
10
mA
XC6109C (*1)
VSS - 0.3 ~ VIN + 0.3
Output Voltage
XC6109N (*2)
VOUT
VSS - 0.3 ~ 7.0
V
Delay Pin Voltage
VCD
VSS-0.3 ~ VIN + 0.3
V
Delay Pin Current
ICD
5.0
mA
Power Dissipation
SSOT-24
Pd
150
mW
Operating Temperature Range
Ta
- 40 ~ + 85
OC
Storage Temperature Range
Tstg
- 40 ~ + 125
OC
ABSOLUTE MAXIMUM RATINGS
Ta = 25OC
ELECTRICAL CHARACTERISTICS
Ta = 25OC
NOTE:
*1: VDF(T): Setting Detect Voltage
*2: This numerical value is applied only to the XC6109C series (CMOS output).
*3: Calculated from the voltage value and the current value of both ends of the resistor.
*4: The maximum voltage of the VOUT in the range of the VIN 0 to 0.7V. This numerical value is applied only to the XC6109C series
(CMOS output).
*5: Time which ranges from the state of VIN =VDF to the VOUT reaching 0.6V when the VIN falls without connecting to the Cd pin.
*6: Time which ranges from the state of VIN= VDF +VHYS to the VOUT reaching 5.4V when the VIN rises without connecting to the Cd pin.
NOTE:
*1: CMOS output
*2: N-ch open drain output


Similar Part No. - XC6109C5

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109C50ANL TOREX-XC6109C50ANL Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109C50ANR TOREX-XC6109C50ANR Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
More results

Similar Description - XC6109C5

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Texas Instruments
BQ771600 TI1-BQ771600_15 Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com