Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6202PF Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6202PF
Description  High Voltage positive Voltage Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202PF Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6202PF Datasheet HTML 5Page - Torex Semiconductor XC6202PF Datasheet HTML 6Page - Torex Semiconductor XC6202PF Datasheet HTML 7Page - Torex Semiconductor XC6202PF Datasheet HTML 8Page - Torex Semiconductor XC6202PF Datasheet HTML 9Page - Torex Semiconductor XC6202PF Datasheet HTML 10Page - Torex Semiconductor XC6202PF Datasheet HTML 11Page - Torex Semiconductor XC6202PF Datasheet HTML 12Page - Torex Semiconductor XC6202PF Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
189
XC6202
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
22.0
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~ VIN+0.3
V
SOT-25
150
SOT-89
500
TO-92
300
USP-6B
100
Power
Dissipation
SOT-223
Pd
1,200 *
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
* Circuits board mounting: Double-sided board


Similar Part No. - XC6202PF

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202PF02DB TOREX-XC6202PF02DB Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202PF02DH TOREX-XC6202PF02DH Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202PF02DL TOREX-XC6202PF02DL Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202PF02DR TOREX-XC6202PF02DR Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202PF02FB TOREX-XC6202PF02FB Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
More results

Similar Description - XC6202PF

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202_001 TOREX-XC6202_001 Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com